Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTST-T680KSWT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-T680KSWT
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-T680KSWT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-T680KSWT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-T680KSWT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3/11
Part No. : LTST-T680KSWT
BNS-OD-FC002/A4
SMD LED
LTST-T680KSWT
Notes:
1.
Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve
2.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3.
The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4.
Reverse voltage (VR) condition is applied to IR test only. The device is not designed for reverse operation.
3.3 Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test
Condition
Luminous Intensity
IV
T680KSWT
140.0
-
450.0
mcd
IF = 20mA
Note 1
Viewing Angle
2
1/2
T680KSWT
-
120
-
deg
Note 2 (Fig.5)
Peak Emission Wavelength
P
T680KSWT
-
592
-
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
d
T680KSWT
584.5
-
594.5
nm
IF = 20mA
Note 3
Spectral Line Half-Width

T680KSWT
-
15
-
nm
Forward Voltage
VF
T680KSWT
1.8
-
2.4
V
IF = 20mA
Reverse Current
IR
T680KSWT
-
-
10
μA
VR = 5V
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com