Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDZ16B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZ16B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ16B Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZ16B Datasheet HTML 1Page - Diodes Incorporated DDZ16B Datasheet HTML 2Page - Diodes Incorporated DDZ16B Datasheet HTML 3Page - Diodes Incorporated DDZ16B Datasheet HTML 4Page - Diodes Incorporated DDZ16B Datasheet HTML 5Page - Diodes Incorporated DDZ16B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS30407 Rev. 2 - 2
4 of 6
DDZ3V3A - DDZ43
www.diodes.com
0.1
10
100
1
1000
10,000
12
13
14
15
16
17
18
V , ZENER VOLTAGE (V)
Z
Fig. 11 Typical Zener Impedance Characteristics,
DDZ12C - DDZ18C
I = 5mA
Z
I = 1mA
Z
0.1
10
100
1
1000
10,000
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12
V , ZENER VOLTAGE (V)
Z
Fig. 10 Typical Zener Impedance Characteristics,
DDZ5V6B - DDZ12C
I = 1mA
Z
I = 5mA
Z
I = 20mA
Z
38
42
46
50
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 9 Typical Reverse Characteristics, DDZ43
40
44
48
DDZ43
1m
100n
10m
100m
26
30
34
38
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 8 Typical Reverse Characteristics, DDZ27D - DDZ36
28
32
36
DDZ27D
DDZ33
DDZ36
1m
100n
10m
100m
14
16
18
20
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig.6 Typical Reverse Characteristics, DDZ15 - DDZ18C
15
17
19
DDZ16
DDZ15
1m
100n
10m
100m
DDZ18C
19
21
23
25
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 7 Typical Reverse Characteristics, DDZ20C - DDZ24C
20
22
24
DDZ20C
DDZ22D
DDZ24C
1m
100n
10m
100m



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com