Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXEN60N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXEN60N120
Description  NPT IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXEN60N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXEN60N120 Datasheet HTML 1Page - IXYS Corporation IXEN60N120 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2002 IXYS All rights reserved
IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C =
25°C
100
A
I
C90
T
C =
90°C
65
A
I
CM
V
GE = ±15 V; RG = 22 Ω; TVJ = 125°C
100
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = 900 V; VGE = ±15 V; RG = 22 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
445
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 60 A; VGE = 15 V; TVJ =
25°C
2.1
2.7
V
T
VJ = 125°C
2.5
V
V
GE(th)
I
C = 2 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C
0.1
mA
T
VJ = 125°C
0.1
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
150
ns
t
r
60
ns
t
d(off)
700
ns
t
f
50
ns
E
on
7.2
mJ
E
off
6.0
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
3.8
nF
Q
Gon
V
CE = 600 V; VGE = 15 V; IC = 50 A
500
nC
R
thJC
0.28 K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 60 A
V
GE =
±15 V; R
G = 22 Ω
I
C25
= 100 A
V
CES
= 1200 V
V
CE(sat) typ. = 2.1 V
NPT3 IGBT
in miniBLOC package
Advanced Technical Information
IXYS Semiconductor GmbH
Edisonstr. 15,
D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670
IXEN 60N120
IXEN 60N120D1
Features
• NPT3 IGBT
- low saturation voltage
- positive temperature coefficient for
easy paralleling
- fast switching
- short tail current for optimized
performance in resonant circuits
• miniBLOC package
- isolated copper base plate
- screw terminals
- kelvin emitter terminal for easy drive
- industry standard outline
Applications
• single switches
and with complementary free wheeling
diodes
• choppers
• phaselegs, H bridges, three phase
bridges e.g. for
- power supplies, UPS
- AC, DC and SR drives
- induction heating
C = Collector
G = Gate
E = Emitter *
* Either Emitter terminal can be used as Main or Kelvin Emitter
miniBLOC, SOT-227 B
E153432
G
E
C
E
IXEN 60N120
IXEN 60N120D1
G
E
C
G
E
C


Similar Part No. - IXEN60N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXEN60N120 IXYS-IXEN60N120 Datasheet
97Kb / 4P
NPT3 IGBT in miniBLOC package
logo
Inchange Semiconductor ...
IXEN60N120 ISC-IXEN60N120 Datasheet
607Kb / 3P
IGBT
logo
IXYS Corporation
IXEN60N120D1 IXYS-IXEN60N120D1 Datasheet
97Kb / 4P
NPT3 IGBT in miniBLOC package
IXEN60N120 IXYS-IXEN60N120_07 Datasheet
97Kb / 4P
NPT3 IGBT in miniBLOC package
More results

Similar Description - IXEN60N120

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
6SI25N12 SIRECTIFIER-6SI25N12 Datasheet
557Kb / 2P
NPT IGBT Modules
SDI300N12 SIRECTIFIER-SDI300N12 Datasheet
457Kb / 2P
NPT IGBT Modules
SDI200N12 SIRECTIFIER-SDI200N12 Datasheet
457Kb / 2P
NPT IGBT Modules
SDI100N12 SIRECTIFIER-SDI100N12 Datasheet
643Kb / 2P
NPT IGBT Modules
SID150N12 SIRECTIFIER-SID150N12 Datasheet
458Kb / 2P
NPT IGBT Modules
SID100N12 SIRECTIFIER-SID100N12 Datasheet
608Kb / 2P
NPT IGBT Modules
SII50N06 SIRECTIFIER-SII50N06 Datasheet
1Mb / 4P
NPT IGBT Modules
SII50N12 SIRECTIFIER-SII50N12 Datasheet
739Kb / 7P
NPT IGBT Modules
SII300N12 SIRECTIFIER-SII300N12 Datasheet
1Mb / 5P
NPT IGBT Modules
SII400N12 SIRECTIFIER-SII400N12 Datasheet
462Kb / 2P
NPT IGBT Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com