Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZN2PD-272SMP Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZN2PD-272SMP
Description  Power Splitter/Combiner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZN2PD-272SMP Datasheet(HTML) 2 Page - Mini-Circuits

  ZN2PD-272SMP Datasheet HTML 1Page - Mini-Circuits ZN2PD-272SMP Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
ZN2PD-272SMP+
2 Way-0°
50Ω
600 to 2750 MHz
Power Splitter/Combiner
DC Pass, Ultra-Thin
REV. A
M156318
ED15060904
ZN2PD-272SMP+
WP/CP/AM
160510
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
600
2750
MHz
Insertion Loss Above 3.0 dB
600 - 2750
700 - 2650
—
0.4
0.3
0.7
.65
dB
Isolation
600 - 2750
700 - 2650
18
20
22
24
—
—
dB
Phase Unbalance
600 - 2750
700 - 2650
—
—
1.0
1.0
4.0
3.5
Degree
Amplitude Unbalance
600 - 2750
700 - 2650
—
—
0.1
0.1
0.4
0.35
dB
VSWR (Port S)
600 - 2750
700 - 2650
—
—
1.25
1.20
1.45
1.4
:1
VSWR (Port 1-2)
600 - 2750
700 - 2650
—
—
1.15
1.12
1.40
1.30
:1
Electrical Specifications at 25°C
Outline Drawing
Outline Dimensions (
)
inch
mm
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Maximum Ratings
Coaxial Connections
SUMPORT
S
PORT 1
1
PORT 2
2
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
0.6W max.
DC Current
600 mA (300mA for each port)
Permanent damage may occur if any of these limits are exceeded.
Connectors
Model
SMP (Snap-on) ZN2PD-272SMP+
Features
• Ultra-thin package
• Snap-on blind mate SMP connectors
• Wideband, 600-2750 MHz
• Excellent amplitude unbalance, 0.1 dB typ.
• Excellent phase unbalance, 1 deg. typ.
• Up to 10W power input as splitter
Applications
• Dense Packaging Environment
• Automated Test Systems
• Cellular/ISM/SMG/GSM
• Satellite Distribution
• GPS/L BAND (MARSAT)
• CATV
Electrical Schematic
DC Through
RF+DC
RF+DC
RF+DC
CASE STYLE: UU2046-1
A
B
C
D
E
F
1.80
3.28
.30
.15
1.500
1.64
45.72
83.31
7.62
3.81
38.10
41.66
G
H
J
K
N
wt
0.14
0.9
0.13
0.500
.65 grams
3.6576
22.86
3.302
12.7
16.51
55
Typical Performance Data
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
600
3.25
3.24
0.01
22.83
0.27
1.23
1.09
1.08
650
3.25
3.24
0.01
26.29
0.30
1.21
1.11
1.10
700
3.25
3.23
0.02
30.03
0.30
1.20
1.12
1.12
800
3.26
3.24
0.02
29.38
0.32
1.19
1.14
1.13
900
3.27
3.25
0.03
25.73
0.37
1.18
1.12
1.12
1000
3.28
3.24
0.03
24.69
0.39
1.15
1.10
1.09
1150
3.28
3.24
0.04
27.15
0.46
1.06
1.07
1.06
1300
3.29
3.25
0.04
40.17
0.53
1.06
1.09
1.09
1500
3.35
3.31
0.04
26.40
0.63
1.21
1.12
1.12
1700
3.38
3.35
0.03
22.18
0.71
1.28
1.08
1.09
1900
3.36
3.33
0.03
23.63
0.77
1.21
1.05
1.03
2100
3.34
3.30
0.04
32.92
0.84
1.10
1.10
1.08
2300
3.37
3.32
0.06
33.78
0.90
1.14
1.12
1.12
2500
3.42
3.34
0.08
29.94
0.98
1.19
1.11
1.12
2700
3.45
3.34
0.10
23.61
1.08
1.18
1.10
1.10
2750
3.47
3.36
0.11
21.31
1.12
1.23
1.11
1.11
1. Total Loss = Insertion Loss + 3dB splitter loss.
3.0
3.1
3.2
3.3
3.4
3.5
600
1030
1460
1890
2320
2750
FREQUENCY (MHz)
ZN2PD-272SMP+
TOTAL LOSS
S-1 (dB)
S-2 (dB)
20
25
30
35
40
45
600
1030
1460
1890
2320
2750
FREQUENCY (MHz)
ZN2PD-272SMP+
ISOLATION
1.0
1.1
1.2
1.3
1.4
1.5
600
1030
1460
1890
2320
2750
FREQUENCY (MHz)
ZN2PD-272SMP+
VSWR
#S-VSWR
#1-VSWR
#2-VSWR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com