Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1876 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1876
Description  High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1876 Datasheet(HTML) 4 Page - Linear Technology

  LTC1876 Datasheet HTML 1Page - Linear Technology LTC1876 Datasheet HTML 2Page - Linear Technology LTC1876 Datasheet HTML 3Page - Linear Technology LTC1876 Datasheet HTML 4Page - Linear Technology LTC1876 Datasheet HTML 5Page - Linear Technology LTC1876 Datasheet HTML 6Page - Linear Technology LTC1876 Datasheet HTML 7Page - Linear Technology LTC1876 Datasheet HTML 8Page - Linear Technology LTC1876 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC1876
4
1876fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3.3V Linear Regulator
V3.3OUT
3.3V Regulator Output Voltage
No Load
q
3.25
3.35
3.45
V
V3.3IL
3.3V Regulator Load Regulation
I3.3 = 0mA to 10mA
0.5
2
%
V3.3VL
3.3V Regulator Line Regulation
6V < VIN < 30V
0.05
0.2
%
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level, Either Controller
VOSENSE with Respect to Set Output Voltage
VOSENSE Ramping Negative
–6
–7.5
–9.5
%
VOSENSE Ramping Positive
6
7.5
9.5
%
Aux Output
AUXVINMIN
AUX Minimum Operating Voltage
q
2.4
2.6
V
AUXVFB
AUX Regulated Feedback Voltage
q
1.23
1.26
1.28
V
AUXIFB
AUX Feedback Pin Bias Current
q
120
360
nA
AUXIQ
AUX Input DC Supply Current
Normal Mode
VAUXSD = 2.4V, Not Switching
4
mA
Shutdown
VAUXSD = 0V
0.01
1
µA
AUXVLINEREG
AUX Line Regulation
2.6V
≤ AUXVIN ≤ 16V
0.01
0.05
%/V
AUXfOSC
AUX Oscillator Frequency
q
0.8
1.2
1.6
MHz
AUXDCMAX
AUX Oscillator Maximum Duty Cycle
q
84
86
%
AUXILIMIT
AUX Switch Current Limit
(Note 9)
1
1.4
2
A
AUXVCESAT
AUX Switch Saturation Voltage
ISW = 900mA (Note 10)
330
550
mV
AUXILEAKAGE
AUX Switch Leakage Current
VSW = 5V
0.01
1
µA
AUXVAUXSD
AUX Shutdown Input Voltage
AUX Shutdown Upper Trip Point
2.4
V
AUX Shutdown Lower Trip Point
0.5
V
IAUXSD
AUXSD Pin Bias Current
VAUXSD = 3V
16
32
µA
VAUXSD = 0V
0.01
0.1
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1876E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1876EG: TJ = TA + (PD • 95°C/W)
Note 4: The LTC1876 is tested in a feedback loop that servos VITH1, 2 to a
specified voltage and measures the resultant VOSENSE1, 2.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels.
Delay times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor peak-
to-peak ripple current
≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 8: VFREQSET pin internally tied to 1.19V reference through a large
resistance.
Note 9: Current limit guaranteed by design and/or correlation to static test.
Note 10: 100% tested at wafer level.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V, AUXVIN = 3V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com