Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTST-T680VSWT Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTST-T680VSWT
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-T680VSWT Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTST-T680VSWT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-T680VSWT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4/11
Part No. : LTST-T680VSWT
BNS-OD-FC002/A4
SMD LED
LTST-T680VSWT
4. Bin Rank
 Vf Rank
Forward Voltage
Unit: V @20mA
Bin Code
in.
Max.
D2
1.8
2.0
D3
2.0
2.2
D4
2.2
2.4
D5
2.4
2.6
Tolerance on each Forward Voltage bin is +/-0.1 volt
 IV Rank
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
V1
710.0
900.0
V2
900.0
1120.0
W1
1120.0
1400.0
W2
1400.0
1800.0
Tolerance on each Intensity bin is +/-11%
 Wd Rank
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
H
584.5
587.0
J
587.0
589.5
K
589.5
592.0
L
592.0
594.5
Tolerance for each Dominate Wavelength bin is +/- 1nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com