Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95080-DS3T Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95080-DS3T
Description  16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DS3T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95080-DS3T Datasheet HTML 19Page - STMicroelectronics M95080-DS3T Datasheet HTML 20Page - STMicroelectronics M95080-DS3T Datasheet HTML 21Page - STMicroelectronics M95080-DS3T Datasheet HTML 22Page - STMicroelectronics M95080-DS3T Datasheet HTML 23Page - STMicroelectronics M95080-DS3T Datasheet HTML 24Page - STMicroelectronics M95080-DS3T Datasheet HTML 25Page - STMicroelectronics M95080-DS3T Datasheet HTML 26Page - STMicroelectronics M95080-DS3T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23/40
M95160, M95080
Table 13. Capacitance
Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 5 MHz.
Table 14. DC Characteristics (M95xxx, Device Grade 6)
Note: 1. For all 5V range devices, the device meets the output requirements for both TTL and CMOS standards.
2. Previous product: identified by Process Identification letter L.
3. Present product: identified by Process Identification letter W or G.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
COUT
Output Capacitance (Q)
VOUT = 0V
8
pF
CIN
Input Capacitance (D)
VIN = 0V
8
pF
Input Capacitance (other pins)
VIN = 0V
6
pF
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C=0.1VCC/0.9VCC at 5MHz,
VCC = 5 V, Q = open, Previous Product
2
4mA
C = 0.1VCC/0.9VCC at 10MHz,
VCC = 5 V, Q = open, Present Product
3
5mA
ICC1
Supply Current
(Standby Power mode)
S = VCC, VCC = 5 V,
VIN = VSS or VCC, Previous Product
2
10
µA
S = VCC, VCC = 5 V,
VIN = VSS or VCC, Present Product
3
2µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
1
Output Low Voltage
IOL = 2 mA, VCC = 5 V
0.4
V
VOH
1
Output High Voltage
IOH = –2 mA, VCC = 5V
0.8VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com