Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3502 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3502
Description  CDMA Power Management System
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3502 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3502 Datasheet HTML 9Page - Analog Devices ADP3502 Datasheet HTML 10Page - Analog Devices ADP3502 Datasheet HTML 11Page - Analog Devices ADP3502 Datasheet HTML 12Page - Analog Devices ADP3502 Datasheet HTML 13Page - Analog Devices ADP3502 Datasheet HTML 14Page - Analog Devices ADP3502 Datasheet HTML 15Page - Analog Devices ADP3502 Datasheet HTML 16Page - Analog Devices ADP3502 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
REV. 0
ADP3502
–13–
OUTPUT CURRENT – mA
2.928
10
20
180
2.924
2.920
2.918
2.916
2.914
2.926
2.922
40
60
80 100 120 140 160
VBAT = 4V
TPC 1. LDO1 Load Regulation
OUTPUT CURRENT – mA
2.908
10
20
180
2.902
2.898
2.896
2.894
2.892
2.904
2.900
40
60
80 100 120 140 160
VBAT = 4V
2.906
TPC 4. LDO8 Load Regulation
SUPPLY INPUT FOR LDOs – V
2.876
4.0
7.0
2.872
2.868
2.866
2.864
2.862
2.870
ILOAD = 1mA
4.5
5.0
5.5
6.0
6.5
2.874
TPC 7. LDO6 Line Regulation
OUTPUT CURRENT – mA
2.914
10
20
180
2.902
2.898
2.896
2.894
2.892
2.904
2.900
40
60
80 100 120 140 160
VBAT = 4V
2.906
2.908
2.910
2.912
TPC 2. LDO4 Load Regulation
SUPPLY INPUT FOR LDOs – V
2.928
4.0
7.0
2.922
2.918
2.916
2.914
2.912
2.924
2.920
ILOAD = 1mA
2.926
4.5
5.0
5.5
6.0
6.5
TPC 5. LDO1 Line Regulation
SUPPLY INPUT FOR LDOs – V
2.908
4.0
7.0
2.904
2.900
2.898
2.896
2.894
2.902
ILOAD = 1mA
4.5
5.0
5.5
6.0
6.5
2.906
TPC 8. LDO8 Line Regulation
OUTPUT CURRENT – mA
2.872
10
20
180
2.864
2.860
2.858
2.856
2.854
2.866
2.862
40
60
80 100 120 140 160
VBAT = 4V
2.868
2.870
TPC 3. LDO6 Load Regulation
SUPPLY INPUT FOR LDOs – V
2.916
4.0
7.0
2.914
2.910
2.908
2.906
2.904
2.912
ILOAD = 1mA
4.5
5.0
5.5
6.0
6.5
TPC 6. LDO4 Line Regulation
OUTPUT CURRENT – mA
200
25
0
50
75
100
125
150
20
40
60
80
100
120
140
160
180
0
TPC 9. LDO1 Dropout Voltage
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com