Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LETQ9WN Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LETQ9WN
Description  OSRAM OSTAR Projection Compact
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETQ9WN Datasheet(HTML) 5 Page - OSRAM GmbH

  LETQ9WN Datasheet HTML 1Page - OSRAM GmbH LETQ9WN Datasheet HTML 2Page - OSRAM GmbH LETQ9WN Datasheet HTML 3Page - OSRAM GmbH LETQ9WN Datasheet HTML 4Page - OSRAM GmbH LETQ9WN Datasheet HTML 5Page - OSRAM GmbH LETQ9WN Datasheet HTML 6Page - OSRAM GmbH LETQ9WN Datasheet HTML 7Page - OSRAM GmbH LETQ9WN Datasheet HTML 8Page - OSRAM GmbH LETQ9WN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Discontinued
LE T Q9WN
2017-09-15
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 21
Dominant Wellenlängengruppen 2) Seite 21
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
KZ
97
112
LX
112
130
LY
130
150
LZ
150
180
Group
true green
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
515
521
3
521
527
4
527
533
5
533
537
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com