Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LERTDUWS2W Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LERTDUWS2W
Description  OSRAM OSTAR Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERTDUWS2W Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LERTDUWS2W Datasheet HTML 6Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 7Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 8Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 9Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 10Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 11Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 12Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 13Page - OSRAM GmbH LERTDUWS2W Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Version 2.1 (not for new design)
LE RTDUW S2W
2017-06-26
10
Relativer Lichtstrom
1) 2) 5) Seite 23
Relative Luminous Flux
1) 2) 5) page 23
Φ
V/ΦV(700 mA); TJ = 25 °C; red
Relativer Strahlleistung
1) 2) 5) Seite 23
Relative Radiant Power
1) 2) 5) page 23
Φ
E/ΦE(700 mA); TJ = 25 °C; deep blue
Relativer Lichtstrom
1) 2) 5) Seite 23
Relative Luminous Flux
1) 2) 5) page 23
Φ
V/ΦV(700 mA); TJ = 25 °C; true green
Relativer Lichtstrom
1) 2) 5) Seite 23
Relative Luminous Flux
1) 2) 5) page 23
Φ
V/ΦV(700 mA); TJ = 25 °C; ultra white
22IB110015005
200 400 600 800 1000 1200 1400
IF [mA]
0.0
0.5
1.0
1.5
2.0
Φv
Φv(700 mA)
24IB110015007
200 400 600 800 1000 1200 1400
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Φ E
ΦE(700 mA)
23IB110015007
200 400 600 800 1000 1200 1400
IF [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Φv
Φv(700 mA)
LE CWUW S2W (UW)
20
0
40
0
60
0
80
0
10
00
12
00
14
00
10
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
ΦV
Φ
V(700mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com