Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2422 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2422
Description  1-Wire Temperature/Datalogger with 8kB Datalog Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2422 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2422 Datasheet HTML 17Page - Dallas Semiconductor DS2422 Datasheet HTML 18Page - Dallas Semiconductor DS2422 Datasheet HTML 19Page - Dallas Semiconductor DS2422 Datasheet HTML 20Page - Dallas Semiconductor DS2422 Datasheet HTML 21Page - Dallas Semiconductor DS2422 Datasheet HTML 22Page - Dallas Semiconductor DS2422 Datasheet HTML 23Page - Dallas Semiconductor DS2422 Datasheet HTML 24Page - Dallas Semiconductor DS2422 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DS2422
21 of 48
Password Control Register
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0227h
EPW
During a mission, there is only read access to this register.
To enable password checking, the EPW bits need to form a binary pattern of 10101010 (AAh). The default pattern
of EPW is different from AAh. If the EPW pattern is different from AAh, any pattern is accepted, as long as it has a
length of exactly 64 bits. Once enabled, changing the passwords and disabling password checking requires the
knowledge of the current full-access password.
Before enabling password checking, passwords for read-only access as well as for full access (read/write/control)
need to be written to the password registers. Setting up a password or enabling/disabling the password checking is
done in the same way as writing data to a memory location, only the address is different. Since they are located in
the same memory page, both passwords can be redefined at the same time.
Read Access Password Register
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0228h
RP7
RP6
RP5
RP4
RP3
RP2
RP1
RP0
0229h
RP15
RP14
RP13
RP12
RP11
RP10
RP9
RP8
——
—
022Eh
RP55
RP54
RP53
RP52
RP51
RP50
RP49
RP48
022Fh
RP63
RP62
RP61
RP60
RP59
RP58
RP57
RP56
There is only write access to this register. Attempting to read the password reports all zeros. The password cannot
be changed while a mission is in progress.
The Read Access Password needs to be transmitted exactly in the sequence RP0, RP1… RP62, RP63. This
password only applies to the functions “Read Memory” and “Read Memory with CRC”. The DS2422 delivers the
requested data only if the password transmitted by the master was correct or if password checking is not enabled.
Full Access Password Register
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0230h
FP7
FP6
FP5
FP4
FP3
FP2
FP1
FP0
0231h
FP15
FP14
FP13
FP12
FP11
FP10
FP9
FP8
——
—
0236h
FP55
FP54
FP53
FP52
FP51
FP50
FP49
FP48
0237h
FP63
FP62
FP61
FP60
FP59
FP58
FP57
FP56
There is only write access to this register. Attempting to read the password will report all zeros. The password
cannot be changed while a mission is in progress.
The Full Access Password needs to be transmitted exactly in the sequence FP0, FP1… FP62, FP63. It will affect
the functions “Read Memory”, “Read Memory with CRC”, “Copy Scratchpad”, “Clear Memory”, “Start Mission”, and
“Stop Mission”. The DS2422 executes the command only if the password transmitted by the master was correct or
if password checking is not enabled.
Due to the special behavior of the write access logic, the Password Control Register and both passwords must be
written at the same time. When setting up new passwords, always verify (read back) the scratchpad before sending
the copy scratchpad command. After a new password is successfully copied from the scratchpad to its memory
location, erase the scratchpad by filling it with new data (write scratchpad command). Otherwise a copy of the
passwords will remain in the scratchpad for public read access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com