Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUWCRDP-LSLU-MMMW-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUWCRDP-LSLU-MMMW-1
Description  OSLON SSL 150
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCRDP-LSLU-MMMW-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LUWCRDP-LSLU-MMMW-1 Datasheet HTML 1Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 2Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 3Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 4Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 5Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 6Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 7Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 8Page - OSRAM GmbH LUWCRDP-LSLU-MMMW-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2017-12-05
4
Version 1.4
LUW CRDP (EQW)
Characteristics (TJ = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 3) page 23
Farbkoordinaten nach CIE 1931 3) Seite 23
(typ.)
(typ.)
Cx
Cy
0.37
0.44
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
150
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
V
F
2.80
2.95
3.25
V
V
V
Reverse voltage
Sperrspannung
(IR = 20 mA)
(max.)
V
R
1.2
V
Color rendering index
Farbwiedergabe Index
(typ.)
Ra
65
-
"Electrical" thermal resistance junction / solder point
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
(with efficiency η
e = 38 %)
(typ.)
Rth JS el
6.0
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com