Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ7-SW40 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LMZ7-SW40
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW40 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LMZ7-SW40 Datasheet HTML 1Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 2Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 3Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 4Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 5Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 6Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 7Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 8Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON MZ LEDs are tested and binned with a drive current of 700mA for LUXEON MZ 12V, 1400mA for LUXEON MZ 6V and
2800mA for LUXEON M 3V at a junction temperature, T
j, of 85ºC.
Part Number Nomenclature
Part numbers for LUXEON MZ follow the convention below:
L M Z
A – B C D D – E E E E
Where:
A
– designates minimum CRI (7=70, 8=80, 9=90CRI, 0=Royal Blue)
B
– designates voltage (S=12V, R=6V, Q=3V)
C
– designates color (W=White, R=Royal Blue)
D D
– designates CCT (27=2700K, 30=3000K, 35=3500K, 40=4000K, 50=5000K, 57=5700K,
65=6500K , 00=Royal Blue)
E E E E – designates minimum flux lumen (optional)
Therefore, the following part number is used for a white LUXEON MZ 12V 3000K 80CRI:
L M Z
8 – S W 3 0 – x x x x
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON MZ is
compliant to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the
RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the following restricted
materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com