Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTW-2V3DS3ZP Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTW-2V3DS3ZP
Description  Through Hole Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2V3DS3ZP Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTW-2V3DS3ZP Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 8Page - Lite-On Technology Corporation LTW-2V3DS3ZP Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1/8
Part No. : LTW-2V3DS3ZP
BNS-OD-FC002/A4
Through Hole Lamp
LTW-2V3DS3ZP
1. Description
Through-hole white LEDs are offered in a variety of packages such as 3mm, 4mm, 5mm, rectangular and cylinder which are
suitable for all applications requiring status indication. Several intensity and viewing angle choices are available in each
package for design flexibility.
1. 1. Features
Lead (Pb) free product - RoHS compliant
Low power consumption & High efficiency.
High efficiency & reliability.
Versatile mounting on p.c. board or panel.
I.C. compatible/low current requirement.
Popular T-1 3/4 diameter. InGaN White & Water Clear
lens.
LED Lead frame has cutting.
1.2. Applications
Computer
Communication
Consumer
Home appliance
Industrial
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com