Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRU1010CD Datasheet(PDF) 5 Page - International Rectifier

Part # IRU1010CD
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010CD Datasheet(HTML) 5 Page - International Rectifier

  IRU1010CD Datasheet HTML 1Page - International Rectifier IRU1010CD Datasheet HTML 2Page - International Rectifier IRU1010CD Datasheet HTML 3Page - International Rectifier IRU1010CD Datasheet HTML 4Page - International Rectifier IRU1010CD Datasheet HTML 5Page - International Rectifier IRU1010CD Datasheet HTML 6Page - International Rectifier IRU1010CD Datasheet HTML 7Page - International Rectifier IRU1010CD Datasheet HTML 8Page - International Rectifier IRU1010CD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRU1010
5
Rev. 1.7
02/03/03
www.irf.com
Assuming the following specifications:
Where: VF is the forward voltage drop of the D1 diode as
shown in Figure 5.
The steps for selecting the right package with proper
board area for heatsinking to keep the junction tempera-
ture below 135
8C is given as:
1) Calculate the maximum power dissipation using:
2) Calculate the maximum
θJA allowed for our example:
3) Select a package from the datasheet with lower
θJA
than the one calculated in the previous step.
Selecting TO-252 (D-Pak) with at least 0.5" square
of 0.062" FR4 board using 1 oz. copper has 70
°C/W
which is lower than the calculated number.
To set the output DC voltage, we need to select R1 and
R2:
4) Assuming R1 = 121
V, 1%:
Select R2 = 154
V, 1%.
Figure 5 - Final Schematic for half of the
GTL+ termination regulator.
Layout Consideration
The output capacitors must be located as close to the
VOUT terminal of the device as possible. It is recom-
mended to use a section of a layer of the PC board as a
plane to connect the VOUT pin to the output capacitors to
prevent any high frequency oscillation that may result
due to excessive trace inductance.
VIN = 5V
VF = 0.5V
VOUT = 2.85V
IOUT(MAX) = 0.8A
TA = 35
8C
uJA(MAX) =
=
= 75.6
8C/W
TJ - TA
PD
135 - 35
1.32
PD = IOUT
3 (VIN - VF - VOUT)
PD = 0.8
3 (5 - 0.5 - 2.85) = 1.32W
R2 =
3R1 =
3121 = 154.8V
(
)
(
)
VOUT
VREF
-1
2.85
1.25
-1
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01
2.85V
R1
121
1%
R2
154
1%
5V
C2
22uF
C1
10uF
IRU1010
Adj
VOUT
VIN
D1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com