Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRU1010CS Datasheet(PDF) 3 Page - International Rectifier

Part # IRU1010CS
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010CS Datasheet(HTML) 3 Page - International Rectifier

  IRU1010CS Datasheet HTML 1Page - International Rectifier IRU1010CS Datasheet HTML 2Page - International Rectifier IRU1010CS Datasheet HTML 3Page - International Rectifier IRU1010CS Datasheet HTML 4Page - International Rectifier IRU1010CS Datasheet HTML 5Page - International Rectifier IRU1010CS Datasheet HTML 6Page - International Rectifier IRU1010CS Datasheet HTML 7Page - International Rectifier IRU1010CS Datasheet HTML 8Page - International Rectifier IRU1010CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRU1010
3
Rev. 1.7
02/03/03
www.irf.com
APPLICATION INFORMATION
Introduction
The IRU1010 adjustable Low Dropout (LDO) regulator is
a three-terminal device which can easily be programmed
with the addition of two external resistors to any volt-
ages within the range of 1.25 to 5.5V. This regulator,
unlike the first generation of the three-terminal regula-
tors such as LM117 that required 3V differential between
the input and the regulated output, only needs 1.3V dif-
ferential to maintain output regulation. This is a key re-
quirement for today’s low voltage IC applications that
typically need 3.3V supply and are often generated from
the 5V supply. Other applications such as high speed
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU1010.
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
1
2
3
Adj
VOUT
VIN
A resistor divider from this pin to the VOUT pin and ground sets the output voltage.
The output of the regulator. A minimum of 10
mF capacitor must be connected from this pin
to ground to insure stability.
The input pin of the regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the minimum dropout
voltage during the load transient response. This pin must always be 1.3V higher than VOUT
in order for the device to regulate properly.
VIN 3
1
Adj
2 VOUT
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+
memory termination need to switch the load current from
zero to full load in tens of nanoseconds at their pins,
which translates to an approximately 300 to 500ns cur-
rent step at the regulator. In addition, the output voltage
tolerances are sometimes tight and they include the tran-
sient response as part of the specification.
The IRU1010 is specifically designed to meet the fast
current transient needs as well as providing an accurate
initial voltage, reducing the overall system cost with the
need for fewer output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com