Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3772 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3772
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3772 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3772 Datasheet HTML 1Page - Microsemi Corporation 2N3772 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/518
Devices
Qualified Level
2N3771
2N3772
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N3771
2N3772
Unit
Collector-Emitter Voltage
VCEO
40
60
Vdc
Collector-Base Voltage
VCBO
50
100
Vdc
Emitter-Base Voltage
VEBO
7.0
7.0
Vdc
Base Current
IB
7.5
5.0
Adc
Collector Current
IC
30
20
Adc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
6.0
150
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
1) Derate linearly 34.2 mW/
0C for TA > +250C
2) Derate linearly 857 mW/
0C for TC > +250C
TO-3*
(TO-204AA)
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
IC = 200 mAdc
2N3771
2N3772
V(BR)CEO
40
60
Vdc
Collector-Emitter Breakdown Voltage
IC = 200 mAdc, RBE = 100 Ω
2N3771
2N3772
V(BR)CER
45
70
Vdc
Collector-Emitter Breakdown Voltage
IC = 200 mAdc, VBE = -1.5 Vdc
2N3771
2N3772
V(BR)CEX
50
90
Vdc
Collector-Emitter Cutoff Current
VCE = 30 Vdc
2N3771
VCE = 50 Vdc
2N3772
ICEO
5.0
5.0
mAdc
Emitter-Base Cutoff Current
VBE = 7.0 Vdc
2N3771
2N3772
IEBO
2.0
mAdc
Collector-Emitter Cutoff Current
VBE = 1.5 Vdc, VCE = 50 Vdc
2N3771
VBE = 1.5 Vdc, VCE = 100 Vdc
2N3772
ICEX
500
500
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N3772

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
2N3772 WINGS-2N3772 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3772 BOCA-2N3772 Datasheet
138Kb / 3P
HIGH POWER NPN SILICON POWER TRANSISTORS
More results

Similar Description - 2N3772

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com