Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POC-153STAND Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # POC-153STAND
Description  12.1' Point of Care Terminal with Intel Atom Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

POC-153STAND Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  POC-153STAND Datasheet HTML 1Page - Advantech Co., Ltd. POC-153STAND Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Unit: mm
Mounting
Dimensions
Unit: mm
POC-127
Rear I/O
Ordering Information
Part Number
Touch Panel
CPU
RAM
HDD
POC-127-166-ATE
TS
N450
1 GB
-
Optional Modules
Part Number
Description
POC-127-WF0E
WiFi kit (802.11b/g/n) for POC-127
POC-127-RF0E
RFID kit for POC-127
POC-127-BT0E
Bluetooth kit for POC-127
POC-127-BA0E
Battery kit for POC-127
POC-SCRK-02E
Smart Card Reader kit for POC-127 (rear cover need change)
Accessories
Part Number
Description
POC-153 STAND Stand for POC-154/POC-155/POC-125
1702002600
Power Cable (USA) 1.83 M
1702002605
Power Cable (Europe) 1.8 M
*means this accessory will go with T Part Number. Please contact Advantech sales for
more details.
348
92
75
IP Rating
Front Panel
IP65
Whole System
IPX1
Certification
CE, FCC Class B, CCC, UL60601-1, , EN60601-1 approved
Environment
Temperature
0 ~ 40° C (32 ~ 104° F) (Operating)
Humidity
10 ~ 95% @ 40° C (non-condensing)
Shock Resistance
20 G peak acceleration (11 ms duration)
Water/dust Resistance
IPX1 compliant
Physical Characteristics
Dimensions (W x D x H)
348 x 287 x 92 mm (13.70" x 11.30" x 3.62")
Weight
4.5 kg
Specifications Cont.
1394a
Gigabit LAN
USB1-USB4
COM1 – COM2
Line-out, Mic-in
& Line in
VGA
PS/2 port (KB/MOUSE)
Side I/O
Optional smart card reader



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com