Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L135-R625003500000 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L135-R625003500000
Description  Color LEDs that deliver the perfect amount of color you need
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L135-R625003500000 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L135-R625003500000 Datasheet HTML 1Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IllumInatIon
luXEon 3535l Color line
Color LEDs that deliver the perfect amount of color you need.
No more. No less.
The LUXEON 3535L Color Line enables a new era of color lighting. This
robust color line provides high performance and is targeted at cost
effective designs. Complemented by a broad range of white offerings, the
LUXEON 3535L Color Line enables RGBW applications. This product line
extends the comprehensive LUXEON Color Family.
FEaturEs and BEnEFIts
PrImary aPPlICatIons
Industry standard package enables drop-in replacement for existing
3535 packages
Architectural & Entertainment
Single die and single source architecture for optical control
Lamps
Common focal length with LUXEON Rebel and LUXEON Z Color LEDs
– Color Tunable Illumination
Full color palette for a wider spectrum range
Specialty Lighting
– Emergency Vehicle
– Signage
PB146 LUXEON 3535L Color Line Product Brief ©2018 Lumileds Holding B.V. All rights reserved.


Similar Part No. - L135-R625003500000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L135-R625003500000 LUMILEDS-L135-R625003500000 Datasheet
1Mb / 18P
Color LEDs that deliver the perfect amount of color you need. No More. No less.
More results

Similar Description - L135-R625003500000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
Bi-Color (Multi-Color) Top LEDs
08-05-2004
logo
SiGe Semiconductor, Inc...
AATIAN55 SIGE-AATIAN55 Datasheet
65Kb / 4P
Driving Color RGB LEDs with the AAT3123
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
Everlight Electronics C...
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
Reliable high-power LED that gives you the design flexibility and performance you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
Reliable high-power LED that gives you the design flexibility and performance you need
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
The Industrial Raspberry Pi that You Expect
2022-10-24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com