Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4258 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 18Page - Linear Technology LTC4258 Datasheet HTML 19Page - Linear Technology LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology LTC4258 Datasheet HTML 23Page - Linear Technology LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology LTC4258 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC4258
22
4258p
The START and STOP Conditions
When the bus is idle, both SCL and SDA must be high. A
bus master (typically the host controller) signals the
beginning of communication with a slave device (like the
LTC4258) by transmitting a START condition. A START
condition is generated by transitioning SDA from high to
low while SCL is high. When the master has finished
communicating with the slave, it issues a STOP condition.
A STOP condition is generated by transitioning SDA from
low to high while SCL is high. The bus is then free for
communication with another SMBus or I2C device.
Acknowledge
The Acknowledge signal is used for handshaking between
the master and the slave. An Acknowledge (active LOW)
generated by the slave lets the master know that the latest
byte of information was received. The corresponding SCL
clock pulse is always generated by the master. The master
releases the SDA line (HIGH) during the Acknowledge
clock pulse. The slave must pull down the SDA line during
the Acknowledge clock pulse so that it remains a stable
LOW during the HIGH period of this clock pulse. When the
master is reading from a slave device, it is the master’s
responsibility to acknowledge receipt of the data byte in
the bit that follows unless the transaction is complete. In
that case the master will decline to acknowledge and issue
the STOP condition to terminate the communication.
Write Byte Protocol
The master initiates communication to the LTC4258 with
a START condition and a 7-bit bus address followed by the
Write Bit (Wr) = 0. If the LTC4258 recognizes its own
address, it acknowledges and the master delivers the com-
mand byte, signifying to which internal LTC4258 register
the master wishes to write. The LTC4258 acknowledges
and latches the lower five bits of the command byte into its
Register Address register. Only the lower five bits of the
command byte are checked by the LTC4258; the upper
three bits are ignored. The master then delivers the data
byte. The LTC4258 acknowledges once more and latches
the data into the appropriate control register. Finally, the
master terminates the communication with a STOP condi-
tion. Upon reception of the STOP condition, the Register
Address register is cleared (see Figure 6).
Read Byte Protocol
The master initiates communication from the LTC4258
with a START condition and the same 7-bit bus address
followed by the Write Bit (Wr) = 0. If the LTC4258
recognizes its own address, it acknowledges and the
master delivers the command byte, signifying which
internal LTC4258 register it wishes to read from. The
LTC4258 acknowledges and latches the lower five bits of
the command byte into its Register Address register. At
this time the master sends a REPEATED START condition
and the same 7-bit bus address followed by the Read Bit
(Rd) = 1. The LTC4258 acknowledges and sends the
contents of the requested register. Finally, the master
declines to acknowledge and terminates communication
with a STOP condition. Upon reception of the STOP
condition, the Register Address register is cleared (see
Figure 7).
Receive Byte Protocol
Since the LTC4258 clears the Register Address register on
each STOP condition, the interrupt register (register 0)
may be read with the Receive Byte Protocol as well as with
the Read Byte Protocol. In this protocol, the master
initiates communication with the LTC4258 with a START
condition and a 7-bit bus address followed by the Read Bit
(Rd) = 1. The LTC4258 acknowledges and sends the
contents of the interrupt register. The master then de-
clines to acknowledge and terminates communication
with a STOP condition (see Figure 8).
Alert Response Address and the INT Pin
In a system where several LTC4258s share a common INT
line, the master can use the Alert Response Address (ARA)
to determine which LTC4258 initiated the interrupt.
The master initiates the ARA procedure with a START
condition and the 7-bit ARA bus address (0001100)b
followed by the Read Bit (Rd) = 1. If an LTC4258 is
asserting the INT pin, it acknowledges and sends its 7-bit
bus address (010A3A2A1A0)b and a 1 (see Figure 9). While
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com