Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z35-70PC6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z35-70PC6
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35-70PC6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z35-70PC6 Datasheet HTML 6Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 7Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 8Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 9Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 10Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 11Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 12Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 13Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M48Z35, M48Z35Y
10/20
WRITE Mode
The M48Z35/Y is in the WRITE Mode whenever W
and E are low. The start of a WRITE is referenced
from the latter occurring falling edge of W or E.A
WRITE is terminated by the earlier rising edge of
W or E. The addresses must be held valid through-
out the cycle. E or W must return high for a mini-
mum of tEHAX from Chip Enable or tWHAX from
WRITE Enable prior to the initiation of another
READ or WRITE cycle. Data-in must be valid tD-
VWH prior to the end of WRITE and remain valid for
tWHDX afterward. G should be kept high during
WRITE cycles to avoid bus contention; although, if
the output bus has been activated by a low on E
and G,a lowon W will disable the outputs tWLQZ
after W falls.
Figure 9. WRITE Enable Controlled, WRITE AC Waveforms
Figure 10. Chip Enable Controlled, WRITE AC Waveforms
AI00926
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A14
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI00927
tAVAV
tEHAX
tDVEH
A0-A14
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com