Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTRBRASF Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LTRBRASF
Description  Multi CHIPLED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTRBRASF Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LTRBRASF Datasheet HTML 4Page - OSRAM GmbH LTRBRASF Datasheet HTML 5Page - OSRAM GmbH LTRBRASF Datasheet HTML 6Page - OSRAM GmbH LTRBRASF Datasheet HTML 7Page - OSRAM GmbH LTRBRASF Datasheet HTML 8Page - OSRAM GmbH LTRBRASF Datasheet HTML 9Page - OSRAM GmbH LTRBRASF Datasheet HTML 10Page - OSRAM GmbH LTRBRASF Datasheet HTML 11Page - OSRAM GmbH LTRBRASF Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Version 
LTRB RASF
2017-05-15
8
Durchlassstrom
8) Seite 23
Forward Current
8) page 23
I
F = f (VF); TS = 25 °C; true green
Durchlassstrom
8) Seite 23
Forward Current
8) page 23
I
F = f (VF); TS = 25 °C; blue
Durchlassstrom
8) Seite 23
Forward Current
8) page 23
I
F = f (VF); TS = 25 °C; red
LTRB RASF
2.3
3.9
2.6
2.8
3.0
3.2
3.4
3.6
VF [V]
5
6
7
8
9
10
20
30
IF [mA]
: true green
LTRB RASF
2.3
3.9
2.6
2.8
3.0
3.2
3.4
3.6
VF [V]
5
6
7
8
9
10
20
30
IF [mA]
: blue
LTRB RASF
1.7
3.9
2.0
2.5
3.0
3.5
VF [V]
5
6
7
8
9
10
20
30
IF [mA]
: red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com