Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LECGP3A01 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LECGP3A01
Description  OSRAM OSTAR Projection Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP3A01 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LECGP3A01 Datasheet HTML 6Page - OSRAM GmbH LECGP3A01 Datasheet HTML 7Page - OSRAM GmbH LECGP3A01 Datasheet HTML 8Page - OSRAM GmbH LECGP3A01 Datasheet HTML 9Page - OSRAM GmbH LECGP3A01 Datasheet HTML 10Page - OSRAM GmbH LECGP3A01 Datasheet HTML 11Page - OSRAM GmbH LECGP3A01 Datasheet HTML 12Page - OSRAM GmbH LECGP3A01 Datasheet HTML 13Page - OSRAM GmbH LECGP3A01 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2017-01-23
10
Version 1.1
LE CG P3A 01
Forward Current 6) page 21 , 4) page 21
Durchlassstrom 6) Seite 21 , 4) Seite 21
IF = f (VF); TJ = 25 °C; all chips operated in parallel
Relative Luminous Flux 6) page 21 , 4) page 21
Relativer Lichtstrom 6) Seite 21 , 4) Seite 21
ΦV/ΦV(36000 mA) = f(IF); TJ = 25 °C; all chips
operated in parallel
LE CG P3A 01
2,6
4,1
2,8
3,0
3,2
3,4
3,6
3,8
VF [V]
0,6
48
10
20
30
40
IF [A]
LE CG P3A 01
0,
6
48
5
10
15
20
25
30
35
40
IF [A]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φ
V
Φ
V(36A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com