Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L135-R625003500000 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # L135-R625003500000
Description  Color LEDs that deliver the perfect amount of color you need. No More. No less.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L135-R625003500000 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button L135-R625003500000 Datasheet HTML 9Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 10Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 11Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 12Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 13Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 14Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 15Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 16Page - Lumileds Lighting Company L135-R625003500000 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DS146 LUXEON 3535L Color Line Product Datasheet 20180320 ©2018 Lumileds Holding B.V. All rights reserved.
12
Color Bin Definitions
Table 9. Color bin definitions for LUXEON 3535L PC Amber and Lime.
color
Part numBer
BIn
x
y
PC Amber
L135-A589003500000
A0
0.5622
0.4372
0.5843
0.4152
0.5705
0.4111
0.5499
0.4249
Lime
L135-L567003500000
L0
0.3927
0.5007
0.4287
0.5697
0.4327
0.5655
0.3972
0.4986
L1
0.3773
0.5076
0.3927
0.5007
0.4287
0.5697
0.4150
0.5833
Notes for Table 9:
1. Lumileds maintains a tolerance of ±0.01 on x and y coordinates in the CIE 1931 color space.
0.4 
0.405 
0.41 
0.415 
0.42 
0.425 
0.43 
0.435 
0.44 
0.445 
0.45 
0.54 
0.55 
0.56 
0.57 
0.58 
0.59 
CIE 1931 x 
Bin A0 
Figure 7. Color Bin Structure for
LUXEON 3535L PC Amber for Table 9 .
0.48
0.5
0.52
0.54
0.56
0.58
0.6
0.35
0.37
0.39
0.41
0.43
0.45
0.47
CIE 1931 x
Bin L1
Bin L0
Figure 8. Color Bin Structure for
LUXEON 3535L Lime for Table 9 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com