Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5142-1.7HTD Datasheet(PDF) 8 Page - Anaren Microwave

Part # MSK5142-1.7HTD
Description  3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5142-1.7HTD Datasheet(HTML) 8 Page - Anaren Microwave

  MSK5142-1.7HTD Datasheet HTML 1Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 2Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 3Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 4Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 5Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 6Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 7Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 8Page - Anaren Microwave MSK5142-1.7HTD Datasheet HTML 9Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MSK5142-1.8 H
G
8
MECHANICAL SPECIFICATIONS
ORDERING INFORMATION
The above example is a +1.8V, Military regulator with gull wing leads and no tab.
LEAD CONFIGURATIONS
(GULL WING NOT AVAILABLE WITH TOP TAB VERSION)
S= STRAIGHT; U= BENT UP; D= BENT DOWN; G=GULL WING
PACKAGE STYLE
T=TOP TAB; BLANK=NO TAB
SCREENING
BLANK= INDUSTRIAL
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
1.5=+1.5V; 1.7=+1.7V; 1.8=+1.8V; 1.9=+1.9V;
2.0=+2.0V; 2.5=+2.5V; 3.3=+3.3V
GENERAL PART NUMBER
8548-105 Rev. C 8/14
ESD TRIANGLE INDICATES PIN 1
WEIGHT=2.9 GRAMS TYPICAL
ALL DIMENSIONS ARE SPECIFIED IN INCHES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com