Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12CE673-04I/P Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC12CE673-04I/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04I/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC12CE673-04I/P Datasheet HTML 4Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 5Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 6Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 7Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 8Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 9Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 10Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 11Page - Microchip Technology PIC12CE673-04I/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 129 page
background image
PIC12C67X
DS30561B-page 8
© 1999 Microchip Technology Inc.
FIGURE 3-1:
PIC12C67X BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
EPROM
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr (1)
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
MCLR
VDD, VSS
Timer0
GPIO
8
8
GP4/OSC2/AN3/CLKOUT
GP3/MCLR/VPP
GP2/T0CKI/AN2/INT
GP1/AN1/VREF
GP0/AN0
8
3
GP5/OSC1/CLKIN
8 Level Stack
(13 bit)
128 bytes
Note 1: Higher order bits are from the STATUS Register.
A/D
Watchdog
Timer
Power-on
Reset
4 MHz Clock
Internal
Data
Memory
16x8
EEPROM
Device
Program Memory
Data Memory (RAM)
Non-Volatile Memory (EEPROM)
PIC12C671
1K x 14
128 x 8
—
PIC12C672
2K x 14
128 x 8
—
PIC12CE673
1K x 14
128 x 8
16 x 8
PIC12CE674
2K x 14
128 x 8
16 x 8
PIC12CE673
PIC12CE674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com