Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP70GF482 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # TP70GF482
Description  CODED SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

TP70GF482 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  TP70GF482 Datasheet HTML 1Page - TOCOSAMERICA, INC. TP70GF482 Datasheet HTML 2Page - TOCOSAMERICA, INC. TP70GF482 Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
31
TOCOS CODED SWITCHES
TP7
TP7 CODED SWITCHES (Absolute Encoders)
Electrical Characteristics
Specification
Conditions
• Contact resistance
ON: 1Ω max. OFF: 1MΩ min.
Detent position
• Dielectric strength
No dielectric breakdown
300VAC at 1 minute
Between terminal - case
Between terminal - shaft
• Insulation resistance
100MΩ min.
250VDC at 1 minute
Between terminal - case
Between terminal - shaft
Durability Characteristics
Mechanical Characteristics
Specification
Conditions
• Operating force
9.8-58.8mN • m (100-600gf • cm)
19.6-39.2mN • m (200-400gf • cm) for P’GRID products
2 CH
3 CH
4 CH
8 CH
16 CH
• Step angle
30
3
22.5
3
*20
3
22.5
3
• Rotational angle
30
5
60
5
90
5
157.5
5
*300
5
Endless
• Terminal strength
No damage to case and terminal fall-off
Static load of 4.9N (0.5kgf )
Bent terminals shall be acceptable
shall be applied to the tip of the
No abnormality to be seen in electrical characteristics
terminals for 15 secs. in vertical
after testing
direction (1 time/ terminal )
• Strength
Shaft pull: 98.1N min. (10kgf min.)
Static load
Shaft push: 98.1N min. (10kgf min.)
Nut tightening: 0.98N • m min. (10kgf • cm min.)
• Soldering heat resistance
There shall be no mechanical abnormality
Soldering iron: 3 sec. max.
such as excessive play
at 350
5
• Shaft stopper strength
0.39N • m min. (4kgf • cm min.)
Not applicable for products with endless rotational angle.
• Shaft wobble and bend
Radial: 0.5
shaft length /30mm max. (single shaft /dual outer shaft)
Radial: 0.7
shaft length /30mm max. (dual inner shaft)
Thrust: 0.5mm max. 2.5N (250gf ) applied to tip of the shaft
1. For Pro-use. Channel selector is preset to
assigned frequencies:
TP70TF5161 (Single shaft, Triple unit, 16 channels)
TP70TF5161
Specification
Conditions
• Life (without load )
5,000 cycles
Contact resistance (ON): 10 Ω max.
30,000 cycles for P’GRID products
Contact resistance (OFF ): 1MΩ min.
• Operating temperature range
20 Cto 70 C
• Shaft Seal
After mounting a coded switch to a panel and exposing it to water
(Optional O-ring seal between
under a maximum hydraulic pressure of 9.8kPa (0.1kgf /cm2 ) for
the bushing and shaft)
30 minutes, there shall be no leak between the shaft and bushing ( IP67 ).
( * ) Also applies to P’GRID products.
All products in this catalog are not for use in life support equipment.
TP/ RH Series are NOT board washable.


Similar Part No. - TP70GF482

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TP701 EATON-TP701 Datasheet
42Kb / 2P
Eaton Crouse-Hinds series TP grounding screw with pigtail
logo
Renesas Technology Corp
TP70H150G4LSG RENESAS-TP70H150G4LSG Datasheet
823Kb / 15P
700V SuperGaN® GaN FET in PQFN (source tab)
Apr 3, 2025
TP70H150G4LSG-TR RENESAS-TP70H150G4LSG-TR Datasheet
827Kb / 13P
700V SuperGaN® GaN FET in PQFN 8 × 8 Performance Package (source tab)
Nov 25, 2025
TP70H150G4LSGB RENESAS-TP70H150G4LSGB Datasheet
898Kb / 14P
700V SuperGaN® GaN FET in PQFN 8 × 8 Industry Standard Package (source tab)
Nov 25, 2025
TP70H150G4LSGB-TR RENESAS-TP70H150G4LSGB-TR Datasheet
898Kb / 14P
700V SuperGaN® GaN FET in PQFN 8 × 8 Industry Standard Package (source tab)
Nov 25, 2025
More results

Similar Description - TP70GF482

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
ROTARY CODED SWITCHES
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
logo
celduc-relais
PXS10350 CELDUC-PXS10350 Datasheet
807Kb / 5P
CODED MAGNETIC SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com