Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F15940 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F15940
Description  Linnea Lens
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15940 Datasheet(HTML) 2 Page - Ledil, Inc.

  F15940 Datasheet HTML 1Page - Ledil, Inc. F15940 Datasheet HTML 2Page - Ledil, Inc. F15940 Datasheet HTML 3Page - Ledil, Inc. F15940 Datasheet HTML 4Page - Ledil, Inc. F15940 Datasheet HTML 5Page - Ledil, Inc. F15940 Datasheet HTML 6Page - Ledil, Inc. F15940 Datasheet HTML 7Page - Ledil, Inc. F15940 Datasheet HTML 8Page - Ledil, Inc. F15940 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
F15940
LINNEA-90-B
PC
Clear
SCALE
1:1 WEIGHT
33,4g
SHEET
SIZE
A3
DRAWING TITLE
F15940_LINNEA-90-B
PART NUMBER
F15940
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
End area
Typical max. height
for pcb components
End area max. height
for pcb components
PCB max 24mm wide.
Thickness 1.6mm.
Space for
wire
Snap for
1mm plate
1/2
71.09
132
95.09
180
20
107
116.08
10.11
9.06
285.1
281.5mm Effective lenght
B
B
Section view B-B
Scale:
2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com