Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C672-04/P Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC12C672-04/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C672-04/P Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC12C672-04/P Datasheet HTML 55Page - Microchip Technology PIC12C672-04/P Datasheet HTML 56Page - Microchip Technology PIC12C672-04/P Datasheet HTML 57Page - Microchip Technology PIC12C672-04/P Datasheet HTML 58Page - Microchip Technology PIC12C672-04/P Datasheet HTML 59Page - Microchip Technology PIC12C672-04/P Datasheet HTML 60Page - Microchip Technology PIC12C672-04/P Datasheet HTML 61Page - Microchip Technology PIC12C672-04/P Datasheet HTML 62Page - Microchip Technology PIC12C672-04/P Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 59
PIC12C67X
TABLE 9-6:
RESET CONDITION FOR SPECIAL REGISTERS
TABLE 9-7:
INITIALIZATION CON\DITIONS FOR ALL REGISTERS
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- --0-
MCLR Reset during normal operation
000h
000u uuuu
---- --u-
MCLR Reset during SLEEP
000h
0001 0uuu
---- --u-
WDT Reset during normal operation
000h
0000 uuuu
---- --u-
WDT Wake-up from SLEEP
PC + 1
uuu0 0uuu
---- --u-
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
---- --u-
Legend: u = unchanged, x = unknown, - = unimplemented bit read as ’0’.
Note 1:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
Register
Power-on Reset
MCLR Resets
WDT Reset
Wake-up via
WDT or Interrupt
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
0000 0000
0000 0000
0000 0000
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
PC + 1(2)
STATUS
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
xxxx xxxx
uuuu uuuu
uuuu uuuu
GPIO
PIC12CE67X
11xx xxxx
11uu uuuu
11uu uuuu
GPIO
PIC12C67X
--xx xxxx
--uu uuuu
--uu uuuu
PCLATH
---0 0000
---0 0000
---u uuuu
INTCON
0000 000x
0000 000u
uuuu uqqq(1)
PIR1
-0-- ----
-0-- ----
-q-- ----(4)
ADCON0
0000 0000
0000 0000
uuuu uquu(5)
OPTION
1111 1111
1111 1111
uuuu uuuu
TRIS
--11 1111
--11 1111
--uu uuuu
PIE1
-0-- ----
-0-- ----
-u-- ----
PCON
---- --0-
---- --u-
---- --u-
OSCCAL
0111 00--
uuuu uu--
uuuu uu--
ADCON1
---- -000
---- -000
---- -uuu
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition.
Note 1:
One or more bits in INTCON and PIR1 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
3: See Table 9-5 for reset value for specific condition.
4: If wake-up was due to A/D completing then bit 6 = 1, all other interrupts generating a wake-up will cause bit 6 = u.
5: If wake-up was due to A/D completing then bit 3 = 0, all other interrupts generating a wake-up will cause bit 3 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com