Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29DS163DB100WAE Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29DS163DB100WAE
Description  16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS163DB100WAE Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29DS163DB100WAE Datasheet HTML 35Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 36Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 37Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 38Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 39Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 40Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 41Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 42Page - Advanced Micro Devices AM29DS163DB100WAE Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Am29DS163D
39
ADV ANCE
I N FO RMAT I O N
AC CHARACTERISTICS
Erase and Program Operations
Notes:
1. Not 100% tested.
2. See “Erase And Programming Performance” on page 48 for more information.
Parameter
100
120
JEDEC
Std
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
100
120
ns
tAVWL
tAS
Address Setup Time
Min
0
0
ns
tASO
Address Setup Time to OE# low during toggle bit polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
50
ns
tAHT
Address Hold Time From CE# or OE# high
during toggle bit polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOEPH
Output Enable High during toggle bit polling
Min
20
ns
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
50
ns
tWHDL
tWPH
Write Pulse Width High
Min
30
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Byte
Typ
9
µs
Word
Typ
13
tWHWH1
tWHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
Typ
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
2
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Write Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Min
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com