Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C671T-10/JM Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC12C671T-10/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671T-10/JM Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC12C671T-10/JM Datasheet HTML 46Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 47Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 48Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 49Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 50Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 51Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 52Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 53Page - Microchip Technology PIC12C671T-10/JM Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 129 page
background image
PIC12C67X
DS30561B-page 50
© 1999 Microchip Technology Inc.
8.4
A/D Conversions
Example 8-2 shows how to perform an A/D conversion.
The GPIO pins are configured as analog inputs. The
analog reference (VREF) is the device VDD. The A/D
interrupt is enabled and the A/D conversion clock is
FRC. The conversion is performed on the GP0 channel.
Note:
The GO/DONE bit should NOT be set in
the same instruction that turns on the A/D.
Clearing the GO/DONE bit during a conversion will
abort the current conversion. The ADRES register will
NOT be updated with the partially completed A/D con-
version sample. That is, the ADRES register will con-
tinue to contain the value of the last completed
conversion (or the last value written to the ADRES reg-
ister). After the A/D conversion is aborted, a 2TAD wait
is required before the next acquisition is started. After
this 2TAD wait, an acquisition is automatically started on
the selected channel.
EXAMPLE 8-2:
DOING AN A/D CONVERSION
BSF
STATUS, RP0
; Select Page 1
CLRF
ADCON1
; Configure A/D inputs
BSF
PIE1,
ADIE
; Enable A/D interrupts
BCF
STATUS, RP0
; Select Page 0
MOVLW
0xC1
; RC Clock, A/D is on, Channel 0 is selected
MOVWF
ADCON0
;
BCF
PIR1,
ADIF
; Clear A/D interrupt flag bit
BSF
INTCON, PEIE
; Enable peripheral interrupts
BSF
INTCON, GIE
; Enable all interrupts
;
;
Ensure that the required sampling time for the selected input channel has elapsed.
;
Then the conversion may be started.
;
BSF
ADCON0, GO
; Start A/D Conversion
:
; The ADIF bit will be set and the GO/DONE bit
:
;
is cleared upon completion of the A/D Conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com