Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C672-10I/JM Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC12C672-10I/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C672-10I/JM Datasheet(HTML) 4 Page - Microchip Technology

  PIC12C672-10I/JM Datasheet HTML 1Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 2Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 3Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 4Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 5Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 6Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 7Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 8Page - Microchip Technology PIC12C672-10I/JM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 129 page
background image
PIC12C67X
DS30561B-page 4
© 1999 Microchip Technology Inc.
TABLE 1-1:
PIC12C67X & PIC12CE67X FAMILY OF DEVICES
PIC12C671
PIC12LC671
PIC12C672
PIC12LC672 PIC12CE673 PIC12LCE673 PIC12CE674 PIC12LCE674
Clock
Maximum
Frequency
of Operation
(MHz)
10
10
10
10
10
10
10
10
Memory
EPROM
Program
Memory
1024 x 14
1024 x 14
2048 x 14
2048 x 14
1024 x 14
1024 x 14
2048 x 14
2048 x 14
RAM Data
Memory
(bytes)
128
128
128
128
128
128
128
128
Peripherals
EEPROM
Data Memory
(bytes)
——
16
16
16
16
Timer
Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
A/D Con-
verter (8-bit)
Channels
44
4
4
44
4
4
Features
Wake-up
from SLEEP
on pin
change
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt
Sources
44
4
4
44
4
4
I/O Pins
5
5
5
5
5
5
5
5
Input Pins
1
1
1
1
1
1
1
1
Internal
Pull-ups
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
In-Circuit
Serial
Programming
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Number of
Instructions
35
35
35
35
35
35
35
35
Voltage
Range (Volts)
3.0V - 5.5V
2.5V - 5.5V
3.0V - 5.5V
2.5V - 5.5V
3.0V - 5.5V
2.5V - 5.5V
3.0V - 5.5V
2.5V - 5.5V
Packages
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW, SOIC
8-pin DIP,
JW
8-pin DIP,
JW
8-pin DIP,
JW
8-pin DIP,
JW
All PIC12C67X devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capability.
All PIC12C67X devices use serial programming with data pin GP0 and clock pin GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com