Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEAQ9WN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LEAQ9WN
Description  OSRAM OSTAR Projection Compact
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAQ9WN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LEAQ9WN_17 Datasheet HTML 5Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 6Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 7Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 8Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 9Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 10Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 11Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 12Page - OSRAM GmbH LEAQ9WN_17 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Discontinued
LE A Q9WN
2017-09-15
9
Forward Current 5) page 21 , 6) page 21
Durchlassstrom 5) Seite 21 , 6) Seite 21
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 5) page 21 , 6) page 21
Relativer Lichtstrom 5) Seite 21 , 6) Seite 21
ΦV/ΦV(700 mA) = f(IF); TJ = 25 °C
LE A Q9WN
1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
VF [V]
200
400
600
800
1000
1200
1400
IF [mA]
22IB110015005
200 400 600 800 1000 1200 1400
IF [mA]
0.0
0.5
1.0
1.5
2.0
Φv
Φv(700 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com