Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DXTP3C60PS-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXTP3C60PS-13
Description  PNP LOW SAT MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP3C60PS-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DXTP3C60PS-13 Datasheet HTML 1Page - Diodes Incorporated DXTP3C60PS-13 Datasheet HTML 2Page - Diodes Incorporated DXTP3C60PS-13 Datasheet HTML 3Page - Diodes Incorporated DXTP3C60PS-13 Datasheet HTML 4Page - Diodes Incorporated DXTP3C60PS-13 Datasheet HTML 5Page - Diodes Incorporated DXTP3C60PS-13 Datasheet HTML 6Page - Diodes Incorporated DXTP3C60PS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DXTP3C60PS
Document number: DS39128 Rev.1 - 2
4 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DXTP3C60PS
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-60
—
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-60
—
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
—
—
V
IE = -100µA
Collector-Base Cutoff Current
ICBO
—
—
-100
nA
VCB = -48V
—
—
-50
µA
VCB = -48V @Tj = 150°C
Emitter Cutoff Current
IEBO
—
—
100
nA
VEB = -7V
Collector-Emitter Cutoff Current
ICES
—
—
100
nA
VCES = -48V
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
150
250
—
—
IC = -500mA, VCE = -2V
150
225
—
IC = -1A, VCE = -2V
80
130
—
IC = -2A, VCE = -2V
35
75
—
IC = -3A, VCE = -2V
Collector-Emitter Saturation Voltage
VCE(sat)
—
-100
-225
mV
IC = -1A, IB = -50mA
—
-240
-360
IC = -3A, IB = -300mA
Collector-Emitter Saturation Resistance
RCE(sat)
—
100
225
mΩ
IC = -1A, IB = -50mA
—
80
120
= -3A, IB = -300mA
Base-Emitter Saturation Voltage
VBE(sat)
—
-0.8
-0.95
V
IC = -1A, IB = -50mA
—
-1.02
-1.2
IC = -2A, IB = -200mA
Base-Emitter Turn-On Voltage
VBE(on)
—
-0.7
-0.8
V
IC = -0.5A, VCE = -2V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
—
—
MHz
VCE = -10V, IC = -500mA, f = 100MHz
Output Capacitance
Cobo
—
42
—
pF
VCB = -10V, f = -1MHz
Delay Time
td
—
15
—
ns
VCC = -12.5V, IC = 3A
IB1 = -IB2 = -0.150A
Rise Time
tr
—
220
—
ns
Turn-On Time
t(on)
—
235
—
ns
Storage Time
ts
—
160
—
ns
Fall Time
tf
—
185
—
ns
Turn-Off Time
t(off)
—
345
—
ns
Note:
8. Measured under pulsed conditions. Pulse width
 300μs. Duty cycle  2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com