Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIC769CD Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 5 Page - Vishay Siliconix

  SIC769CD Datasheet HTML 1Page - Vishay Siliconix SIC769CD Datasheet HTML 2Page - Vishay Siliconix SIC769CD Datasheet HTML 3Page - Vishay Siliconix SIC769CD Datasheet HTML 4Page - Vishay Siliconix SIC769CD Datasheet HTML 5Page - Vishay Siliconix SIC769CD Datasheet HTML 6Page - Vishay Siliconix SIC769CD Datasheet HTML 7Page - Vishay Siliconix SIC769CD Datasheet HTML 8Page - Vishay Siliconix SIC769CD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 64981
S11-0975-Rev. F, 16-May-11
www.vishay.com
5
Vishay Siliconix
SiC769
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TIMING DEFINITIONS
Note:
GH is referenced to the high side source. GL is referenced to the low side source.
SiC769CD BLOCK DIAGRAM
Region
Definition
Symbol
1
Turn off propagation delay LS
td_off_LS
2
Fall time LS
tf_LS
3
Dead time rising
tdead_on
4Rise time HS
tr_HS
5
Turn off propagation delay HS
td_off_HS
6Fall time HS
tf_HS
7
Dead time falling
tdead_off
8
Rise time LS
tr_LS
PWM
GH
GL
SW
12 3 4
5 6
7
8
10 %
90 %
10 %
90 %
75 %
25 %
Figure 2
20K
BOOT
GH
VSWH
VDRV
GL
PGND
+
-
Vref = 1V
Vref = 1V
LG
+
-
Anti-Cross-
Conduction
Control Logic
VCIN
PWM Logic
Control &
State Machine
UVLO
PWM
VCIN
CGND
DSBL#
Thermal
Monitor &
Warning
THDN
SMOD#
VIN
Zero-Current
Dectect
+
-
VSWH
PGND
VDRV
UVLO
VDRV
LG
GL
PGND
VSWH
VIN
VCIN
PWM
DSBL#
Thermal Monitor
and Warning
PWM
Logic
Control
and State
Machine
VCIN
SMOD#
VSWH
PGND
GH
BOOT
VDRV
THDN
VREF = 1 V
VREF = 1 V
20K
Anti-
Cross-
Conduction
Control
Logic
Zero-
Current
Detect
-
+
-
+
-
+
CGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com