Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTS01N90P-89 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTS01N90P-89
Description  N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTS01N90P-89 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTS01N90P-89 Datasheet HTML 1Page - IXYS Corporation IXTS01N90P-89 Datasheet HTML 2Page - IXYS Corporation IXTS01N90P-89 Datasheet HTML 3Page - IXYS Corporation IXTS01N90P-89 Datasheet HTML 4Page - IXYS Corporation IXTS01N90P-89 Datasheet HTML 5Page - IXYS Corporation IXTS01N90P-89 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTS01N90P-89
IXTS01N90P-223
Fig. 8. Input Admittance
0
20
40
60
80
100
120
140
160
2.0
2.5
3.0
3.5
4.0
4.5
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
VDS = 50V
Fig. 7. Maximum Drain Current vs. Case Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 9. Transconductance
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
ID - MilliAmperes
TJ = - 40
oC
VDS = 50V
125
oC
25
oC
Fig. 10. Forward Voltage Drop of Intrinsic Diode
0
50
100
150
200
250
300
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
VSD - Volts
TJ = 125
oC
TJ = 25
oC
Fig. 11. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
QG - NanoCoulombs
VDS = 450V
I D = 50mA
I G = 1mA
Fig. 12. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com