Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL208K Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S25FL208K
Description  8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL208K Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S25FL208K Datasheet HTML 17Page - Cypress Semiconductor S25FL208K Datasheet HTML 18Page - Cypress Semiconductor S25FL208K Datasheet HTML 19Page - Cypress Semiconductor S25FL208K Datasheet HTML 20Page - Cypress Semiconductor S25FL208K Datasheet HTML 21Page - Cypress Semiconductor S25FL208K Datasheet HTML 22Page - Cypress Semiconductor S25FL208K Datasheet HTML 23Page - Cypress Semiconductor S25FL208K Datasheet HTML 24Page - Cypress Semiconductor S25FL208K Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Document Number: 002-00721 Rev. *H
Page 21 of 33
S25FL208K
Figure 8.14 Release Deep Power-down / Device ID Command Sequence
8.14
Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID command is an alternative to the Release from Deep Power-down /Device ID command that
provides both the JEDEC assigned manufacturer ID and the specific device ID.
The Read Manufacturer/Device ID command is very similar to the Release from Deep Power-down / Device ID command. The
command is initiated by driving the CS# pin low and shifting the command code “90h” followed by a 24-bit address (A23-A0) of
000000h. After which, the Manufacturer ID for Spansion (01h) and the Device ID are shifted out on the falling edge of SCK with most
significant bit (MSB) first as shown in Figure 8.15. The Device ID values for the S25FL208K are listed in Table 8.2 on page 11. If the
24-bit address is initially set to 000001h the Device ID will be read first, followed by the Manufacturer ID.
*= M SB
CS #
SCK
M ode0
M ode3
01
10
9
8
7
6
5
4
3
2
30
31
28
29
SI/IO0
Instruction (ABH )
SO
High Im pedance
23
2
3
21
22
0
1
*
3 Dummy Bytes
34
35
32
33
38
37
36
6
7
5
2
3
1
4
0
*
Mo d e 3
Mo d e 0
Device ID **
t
RE S 2
Power down Current
High Perform ance M ode Current
Stand -by
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com