Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPOS-540DP-AST10 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UPOS-540DP-AST10
Description  POS monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-540DP-AST10 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UPOS-540DP-AST10 Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-540DP-AST10 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
UPOS-M15 series
Dimensions
Unit: mm
I/O View
Ordering Information
Part Number
Description
UPOS-M15P-AST00
15" 4:3 POS monitor with P-cap touch, HDMI, VGA, Black
UPOS-M15R-AST00
15" 4:3 POS monitor with resistive touch, HDMI, VGA
UPOS-M15G-AST00
15" 4:3 monitor, HDMI, VGA
Monitor stand
Part Number
Description
UPOS-P07-A100
M15 monitor stand,double hinge, VESA75x74, BK
Accessary (Cable)
Part Number
Description
1700020669-01
M Cable USB-A 4P(M)/USB-A 4P(M) 50cm
1700023588-01
M Cable USB-A 4P(M)/USB-A 4P(M) 120cm
17AP164100618010
D3.5 audio cable 1.8M
17AP164103018010
VGA cable 1.8M
BOX PC (UPOS-540)
Part Number
Description
UPOS-540DP-AST00
Baytrail J1900, 500G HD, 4G RAM, DP, VGA, USB x4,
COM x4
UPOS-540DP-AST10
Baytrail J1900, 500G HD, 4G RAM, DP, VGA, USB x6,
COM x6
UPOS-540FP-ACL00
Skylake-U Celeron, 500G HD, 4G RAM, DP, VGA, USB
x4, COM x4
UPOS-540FP-AI300
Skylake-U Core i3 6100U, 500G HD, 4G RAM, DP, VGA,
USB x4, COM x4
UPOS-540FP-AI500
Skylake-U Core i5 6300U, 500G HD, 4G RAM, DP, VGA,
USB x4, COM x4
OSD
VESA
mount
I/O
52.70
41.93
18.44
75
353.92
200
353.92
238.40
52.70
18.44
41.93



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com