Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LLC8430F26P Datasheet(PDF) 2 Page - Littelfuse

Part # LLC8430F26P
Description  The LLC8 Series is a low cost, single-probe conductive liquid level control designed for low liquid level cutoff protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC8430F26P Datasheet(HTML) 2 Page - Littelfuse

  LLC8430F26P Datasheet HTML 1Page - Littelfuse LLC8430F26P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/llc8
LLC8 SERIES
Accessories
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16),
P1015-14 (AWG 18/22) Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
PHST-38QTN Electrode
Designed for a maximum steam pressure of
240 PSI; 400° F. UL353 Recognized.
LLP-24 Threaded Probe (24”)
Threaded stainless steel probe measuring 24”
(61 cm) long. For use with PHST-38QTN liquid
level control electrodes.
Specifications
Control
Type
Resistance sensing for conductive liquids with
time delay
Sense Voltage
12VAC nominal at probe terminals
Sense Resistance
Fixed 5K - 250KΩ
Sense Resistance Tolerance ±10%
Time Delay
Tolerance
±20%
Repeat Accuracy
±10%
Time Delay vs Temp.
& Voltage
±10%
Power Outage Reset Delay
≤1s
Input
Voltage
24, 120, or 230VAC
Tolerance
24VAC
-15% - 20%
120 or 230VAC
-20% - 10%
AC Line Frequency
50/60 Hz
Output
Type
Electromechanical relay
Form
Isolated SPDT
Rating
10A resistive @ 120/240VAC;
1/4 hp @ 125VAC; 1/2 hp @ 250VAC
Protection
Surge
IEEE C62.41-1991 Level A
Isolation Voltage
≥ 2500V RMS input to output terminals
Mechanical
Mounting
0.5 in. (12.7 mm) x .187 (4.76 mm) dia. nylon
standoffs (3)
Termination
Dimensions
H 63.5 mm (2.5”); W 55.6 mm (2.19”);
D 47.8 mm (1.88”)
Electrical
0.25 in. (6.35 mm) male quick connect terminals
Reset Switch & Probe(s)
0.187 x 0.03 in. (4.75 x 0.76 mm) male quick
connect terminals
Environmental
Operating/Storage
Temperature
-40° to 60°C / -40° to 80°C
Coating
Printed circuit board is conformal coated to
resist moisture & corrosion
Humidity
95% relative, non-condensing
Weight
≅ 5 oz (141.7 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com