Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LLC863F26P Datasheet(PDF) 1 Page - Littelfuse

Part # LLC863F26P
Description  The LLC8 Series is a low cost, single-probe conductive liquid level control designed for low liquid level cutoff protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC863F26P Datasheet(HTML) 1 Page - Littelfuse

  LLC863F26P Datasheet HTML 1Page - Littelfuse LLC863F26P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/llc8
LLC8 SERIES
Description
The LLC8 Series is a low cost, single-probe conductive liquid
level control designed for low liquid level cutoff protection. It
offers a factory fixed time delay of 1 - 60s and is available for
input voltages of 24, 120, or 230VAC. LED indicator illuminates
whenever the LLC8’s isolated, 10A, SPDT output relay is
energized. Sense resistance is fixed from 5K - 250KΩ. Available
with manual/automatic reset or a special manual reset with a
power outage feature that auto resets the unit when power is
restored and the water level is acceptable. 24 and 120VAC units
are UL recognized as limit switches under UL353 (230VAC units
are UL 508) and CSA certified under Standard 14.
Operation
Automatic Reset (Reset switch not connected): When liquid
rises to low level cutoff probe, output relay and LED indicator
energize. When liquid falls below the low level cutoff probe,
the output relay and LED indicator de-energize after a fixed
time delay.
Manual Reset (Reset switch connected): When the liquid
level falls below low level probe, the output relay and LED
de-energize after a fixed time delay. When the liquid level rises
to low level probe, the output relay and LED indicator remain
de-energized until the NC manual reset switch is opened; then
they energize immediately.
Power Outage Manual Reset (Reset switch connected):
A power outage causes the output relay and LED indicator to
de-energize. Upon restoration of power, if the liquid is touching
the low level probe, the output relay and LED indicator will
re-energize. If the liquid level is below the low level probe, the
output relay and LED indicator remain de-energized until the NC
reset switch is opened.
Features & Benefits
FEATURES
BENEFITS
Isolated 12VAC probes
Prevents scale buildup on probe
Open PCB design
Cost effective design for OEM low liquid level
cutoff protection
Conformally coated PCB
Protects against moisture and corrosion
LED indication
Visual indication output relay is energized
Power outage protection
(see ordering table
for models)
Automatically resets the unit when power is
restored and the water level is acceptable
24VAC & 120VAC models
meet UL353
Required for use as a low level limit switch
Wiring Diagram
Low Level Cutoff Liquid Level Controls
Ordering Information
MODEL
INPUT
VOLTAGE
TIME
DELAY
(FIXED)
SENSE
RESISTANCE RESET
LLC825F5M
24VAC
5s
5kΩ
Manual/automatic
LLC842F103M 120VAC
2s
10kΩ
Manual/automatic
LLC843F10M
120VAC
3s
10kΩ
Manual/automatic
LLC843F10P
120VAC
3s
10kΩ
Power outage
manual reset
LLC843F26M
120VAC
3s
26kΩ
Manual/automatic
LLC843F26P
120VAC
3s
26kΩ
Power outage
manual reset
LLC845F25P
120VAC
5s
25kΩ
Power outage
manual reset
LLC8430F250P 120VAC
30s
250kΩ
Power outage
manual reset
LLC8430F26P
120VAC
30s
26kΩ
Power outage
manual reset
LLC8610F12M 230VAC
10s
12kΩ
Manual/automatic
LLC863F26P
230VAC
3s
26kΩ
Power outage
manual reset
If you don’t find the part you need, call us for a custom product 800-843-8848
Metal Tank or use
additional Probe
V = Voltage
LLCO = Low Level
Probe
G, CP = Ground or
Common
(Reference)
Probe
R = Optional NC
Reset Switch
(not included)
NO = Normally Open
NC = Normally Closed
C = Common or
Transfer Contact
Relay contacts are isolated. Connect common to conductive tank. Additional probe is
necessary for non-conductive or insulated tanks.


Similar Part No. - LLC863F26P

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC LINKCOM-LLC Datasheet
732Kb / 6P
Power Supply
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
FROST PROTECTION THERMOSTAT
logo
Inventronics Inc.
LLC-012S035RSP INVENTRONICS-LLC-012S035RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S050RSP INVENTRONICS-LLC-012S050RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S070RSP INVENTRONICS-LLC-012S070RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
More results

Similar Description - LLC863F26P

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
P6-11G3A-PAA MAGNETROL-P6-11G3A-PAA Datasheet
1Mb / 60P
Liquid Level Control
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
Liquid Level Switches
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
TE Connectivity Ltd
SL-630 TEC-SL-630 Datasheet
142Kb / 3P
High/low liquid level monitor
logo
Schneider Electric
LA9RM201 SCHNEIDER-LA9RM201 Datasheet
61Kb / 1P
liquid level measurement probe LA9 - 100째C
Aug 10, 2019
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
Liquid Level Control Switch
3/18/2021
logo
Littelfuse
460-15-100-LLS LITTELFUSE-460-15-100-LLS Datasheet
201Kb / 2P
Single-Channel Liquid Level Sensor
2019 Rev: 2-B-043019
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
PC-XXX-LLC-CZ LITTELFUSE-PC-XXX-LLC-CZ Datasheet
265Kb / 2P
Liquid level control
2019 Rev: 2-B-043019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com