Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C16491 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C16491
Description  Konntakt Base part
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16491 Datasheet(HTML) 3 Page - Ledil, Inc.

  C16491 Datasheet HTML 1Page - Ledil, Inc. C16491 Datasheet HTML 2Page - Ledil, Inc. C16491 Datasheet HTML 3Page - Ledil, Inc. C16491 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
H
B
G
3
2
4
1
SCALE
1:1
WEIGHT
4,68 g
A3
SHEET 1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: Up to 30mm
class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PRODUCT
C16491_XTM-ADAPTER-50-A
MECHANICAL DRAWING
PART
TYPE MATERIAL COLOR / COATING
C16491_XTM-ADAPTER-50-A_Mechanicalmodel_20171108_jv
PC
grey
Dimension [mm] PMMA / PC
>0-6
± 0.2
>6-22
± 0.25
>22-40
± 0.30
>40-90
± 0.44
>90-160
± 0.60
>160-200
± 0.70
>200-315
± 1.1
GENERAL MOULDING
TOLERANCES
PCB or heatsink level.
LED location.
Ensure LED fitting from a product specific 3D model available from
www.ledil.com.
Notes
LENS for reference only
3x M3 Screws for fixing
C16491_XTM_ADAPTER-50-A
Max. tightening torque: 0,6Nm
XTM LED MODULE for reference
2.7
Direction of LED module wiring
XTM LED module
Beam direction with
asymmetrical optics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com