Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C14018 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C14018
Description  Strada Assembly
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14018 Datasheet(HTML) 2 Page - Ledil, Inc.

  C14018 Datasheet HTML 1Page - Ledil, Inc. C14018 Datasheet HTML 2Page - Ledil, Inc. C14018 Datasheet HTML 3Page - Ledil, Inc. C14018 Datasheet HTML 4Page - Ledil, Inc. C14018 Datasheet HTML 5Page - Ledil, Inc. C14018 Datasheet HTML 6Page - Ledil, Inc. C14018 Datasheet HTML 7Page - Ledil, Inc. C14018 Datasheet HTML 8Page - Ledil, Inc. C14018 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Pockets for wiring and screws
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
CS14145_STRADA-IP-2X6-DWC-90
CS14145
52,2 g
INDEX PART NO
DESCRIPTION
MATERIAL COLOUR
1
C14017
STRADA-IP-2X6-DWC-90
PMMA
clear
2
C14018
2x6-SEAL25
Silicone
white
173
3.45
86.5
54.2
54.2
54.2
Top view
A
A
B
165
25.4
25.4
25.4
12.7
25.4
25.4
25.4
25.4
69
Bottom view
Section view A-A
5.35
1.5
1.85
LED
1,6mm thick
PCB
Section view B-B
Scale:
2:1
8.98
Silicone seal with ribs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com