Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F13659 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13659
Description  Angelina Reflector
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13659 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13659 Datasheet HTML 1Page - Ledil, Inc. F13659 Datasheet HTML 2Page - Ledil, Inc. F13659 Datasheet HTML 3Page - Ledil, Inc. F13659 Datasheet HTML 4Page - Ledil, Inc. F13659 Datasheet HTML 5Page - Ledil, Inc. F13659 Datasheet HTML 6Page - Ledil, Inc. F13659 Datasheet HTML 7Page - Ledil, Inc. F13659 Datasheet HTML 8Page - Ledil, Inc. F13659 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
PRODUCT DATASHEET
Angelina series
last update 12/4/2017
DETAILS
Product Number
F13659_ANGELINA-S-B
Family
Angelina
Type
Reflector
Color
metal
Diameter
82 mm
Height
31 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
12/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
-
sim: 0
Spot
-
sim: 0.000 -
BXRA ES Rectangle
23 deg
Spot
92 %
2.170
BJB: 47.319.2040
V15 Gen6
24 deg
Spot
92 %
2.000
BJB: 47.319.2224
V18 Gen6
27 deg
Spot
92 %
1.800
BJB: 47.319.2274
V18 Gen7
27 deg
Spot
93 %
1.800
BJB: 47.319.2350
CLL04x/CLU04x
sim: 22
Spot
sim: 95 % sim: 3.100 BJB: 47.319.2030
CLL03x/CLU03x
23 deg
Spot
92 %
2.150
BJB: 47.319.2021
CLL03x/CLU03x
22 deg
Spot
94 %
2.250
A.A.G. STUCCHI: 8101/G2
CLL04x/CLU04x
30 deg
Spot
92 %
1.600
A.A.G. STUCCHI: 8102/G2
CLU730/731
sim: 16
Spot
sim: 92 % sim: 5.490 BJB: 47.319.2030
CLU720/721
19 deg
Spot
94 %
2.500
A.A.G. STUCCHI: 8101/G2
CLU720/721
19 deg
Spot
94 %
2.700
BJB: 47.319.2021
CLL03x/CLU03x
25 deg
Spot
89 %
1.820
A.A.G. STUCCHI: 8101/G2
CLL04x/CLU04x
33 deg
Spot
88 %
1.390
A.A.G. STUCCHI: 8102/G2
CXA/B 30xx
30 deg
Spot
92 %
1.660
A.A.G. STUCCHI: 8404/G2
CXA/B 25xx
25 deg
Spot
93 %
2.000
A.A.G. STUCCHI: 8401/G2
CXA/B 25xx
27 deg
Spot
92 %
1.800
BJB: 47.319.2141
CXA/B 25xx
30 deg
Spot
88 %
1.500
BJB: 47.319.2141
COB 10W/13W/17W/24W
21 deg
Spot
93 %
2.300
BJB: 47.319.2080
COB 10W/13W/17W/24W
21 deg
Spot
94 %
2.400
A.A.G. STUCCHI: 8600/G2
COB 40W/60W
31 deg
Spot
92 %
1.600
A.A.G. STUCCHI: 8102/G2
LUXEON K16
24 deg
Spot
94 %
1.800
BJB: 47.319.2070
LUXEON K12
sim: 15
Spot
-
-
BJB: 47.319.2070
LUXEON CoB 1204/1205
21 deg
Spot
94 %
2.430
A.A.G. STUCCHI: 8301/G2
LUXEON CoB 1208
23 deg
Spot
94 %
2.230
A.A.G. STUCCHI: 8301/G2
February 8th 2018 2:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F13659

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F136 FOX-F136 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F136 FOX-F136 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Ledil, Inc.
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
Angelina Reflector
logo
Cree, Inc
F13662 CREE-F13662 Datasheet
5Mb / 100P
ANGELA series
More results

Similar Description - F13659

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
ANGELINA series
FCN14647 CREE-FCN14647 Datasheet
1Mb / 30P
ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
ANGELINA series
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
ANGELINA series
FCN14385 CREE-FCN14385 Datasheet
559Kb / 7P
ANGELINA series
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
ANGELINA series
logo
Ledil, Inc.
FC13976 LEDIL-FC13976 Datasheet
1Mb / 21P
Angelina RefPack
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
Angelina RefPack
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
Angelina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com