Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBUS54CV-HSF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VBUS54CV-HSF
Description  4-Line BUS-Port ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS54CV-HSF Datasheet(HTML) 2 Page - Vishay Siliconix

  VBUS54CV-HSF Datasheet HTML 1Page - Vishay Siliconix VBUS54CV-HSF Datasheet HTML 2Page - Vishay Siliconix VBUS54CV-HSF Datasheet HTML 3Page - Vishay Siliconix VBUS54CV-HSF Datasheet HTML 4Page - Vishay Siliconix VBUS54CV-HSF Datasheet HTML 5Page - Vishay Siliconix VBUS54CV-HSF Datasheet HTML 6Page - Vishay Siliconix VBUS54CV-HSF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VBUS54CV-HSF
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 03-May-17
2
Document Number: 84145
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTE
With the VBUS54CV-HSF a double, high speed USB-port can be protected against transient voltage signals. Negative
transients will be clamped close below the ground level while positive transients will be clamped close above the working range.
An avalanche diode clamps the supply line (VBUS at pin 5) to ground (pin 2). The high speed data lines, D1+, D2+, D1- and D2-,
are connected to pin 1, 3, 4 and 6. As long as the signal voltage on the data lines is between the ground- and the VBUS -level,
the low capacitance PN-diodes offer a very high isolation to VBUS, ground and to the other data lines. But as soon as any
transient signal exceeds this working range, one of the PN-diodes gets in the forward mode and clamps the transient to ground
or the avalanche break through voltage level.
ELECTRICAL CHARACTERISTICS VBUS54CV-HSF (pin 1, 3, 4, or 6 to pin 2)
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
-
-
4
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5.5
V
Reverse voltage
at IR = 0.1 μA
VR
5.5
-
-
V
Reverse current
at VRWM = 5.5 V
IR
-
0.01
0.1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
77.9
8.6
V
Reverse clamping voltage
at IPP = 11 A
VC
-18
22
V
Forward clamping voltage
at IPP =11 A
VF
-6.5
8
V
Capacitance
VR (at I/O pin) = 0 V
VR (at pin 5) = 5 V; f = 1 MHz
CD
-1.2
2.5
pF
Line symmetry
Difference of the line capacitances
dCD
--
0.2
pF
ELECTRICAL CHARACTERISTICS (pin 5 to pin 2)
(Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5.5
V
Reverse voltage
at IR = 0.1 μA; pin 2 to pin 1
VR
5.5
-
-
V
Reverse current
at VRWM = 5.5 V
IR
-
0.01
0.1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
6.3
7.1
8
V
Reverse clamping voltage
at IPP = 13 A
VC
-18
22
V
Forward clamping voltage
at IPP =13 A
VF
--
7
V
Capacitance
VR (at pin 5) = 0 V; f = 1 MHz
CD
-
190
-
pF
R
E
C
E
I
V
E
R
IC
20399
6
4
5
1
2
3
t
i
w
n
U
S
B
-
P
o
r
t
V
BUS
D
1+
D
1-
D
2+
D
2-
G
ND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com