Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REDIN960-24/3AC Datasheet(PDF) 7 Page - Recom International Power

Part # REDIN960-24/3AC
Description  960 Watt 3 Phase DIN-Rail Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN960-24/3AC Datasheet(HTML) 7 Page - Recom International Power

  REDIN960-24/3AC Datasheet HTML 1Page - Recom International Power REDIN960-24/3AC Datasheet HTML 2Page - Recom International Power REDIN960-24/3AC Datasheet HTML 3Page - Recom International Power REDIN960-24/3AC Datasheet HTML 4Page - Recom International Power REDIN960-24/3AC Datasheet HTML 5Page - Recom International Power REDIN960-24/3AC Datasheet HTML 6Page - Recom International Power REDIN960-24/3AC Datasheet HTML 7Page - Recom International Power REDIN960-24/3AC Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.recom-power.com
REV.: 0/2018
PDR-7
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom.Vin, full load and after warm-up unless otherwise stated)
REDIN960/3AC
Series
Parallel Operation and Phase Redundancy
L1 L2 L3 PE
~
~
~
L1 L2 L3 PE
+V -V
~
~
+V
-V
L1 L2 L3 PE
~
~
~
L1 L2 L3 PE
+V -V
~
~
+V
-V
2 Phase and 3 Phase Operation
L1 L2 L3 PE
~
+V
-V
~
+V
-V
L1 L2 L3 PE
~
+V
-V
2 Phase
3 Phase
Parallel Operation
1) Adjust each power supply to the exact same output voltage with same
load and cooling conditions.
2) Use the same wire length for each power supply (star connection) and
energize all units at the same time to avoid triggering overload protection.
3) To prevent high reverse currents in the event of a secondary output
fault, it is recommended to install a protective circuit at the output of each
device when more than two power supplies are connected in parallel
(e.g. decoupling diode or DC fuse).
For n parallel connected devices, the output current can be increased
to 90% of n x I
nom. A maximum of 5 devices can be connected in parallel.
Phase redundancy
1) If any single phase fails, operation is still guaranteed.
Load:
90% of n x I
Nom
Max. load
120W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com