Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC78L05DMF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC78L05DMF
Description  100mA / 3-TERMINAL 5V REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC78L05DMF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC78L05DMF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AMC DOC. #: AMC78L05_D (LF)
March
2004
AMC78L05
ADDMICROTECHCORP.
100mA / 3-TERMINAL
5V REGULATOR
DESCRIPTION
FEATURES
The AMC78L05 is a 3-terminal positive regulator with a
fixed output voltage of 5V.
Although it is designed as a
fixed-voltage regulator, the output voltage can be
increased by the use of a simple voltage divider. This
regulator can provide local on card regulation,
eliminating the distribution problems associated with
single point regulation. In addition, it can be used with
power-pass elements to make high-current voltage
regulators with 100mA output current.
Protection features such as thermal shutdown and current
limiting have been designed internally which will protect
the device from damage in case of overload or
overheating.
±5% tolerance of output voltage
Wide input range
Output current > 100mA
Internal thermal overload protection
No External Components
Short circuit protection
Available in 3L plastic TO-92, surface
mount SOT-89 and plastic 8 pin S.O.I.C.
Identical pin assignment to earlier 78L05
series.
APPLICATIONS
PACKAGE PIN OUT
3-Pin Plastic TO-92
(Top View)
Logic Systems
Computer Add-On Cards
Monitors
Power Suppliers
8-Pin S.O.I.C
Surface Mount
(Top View)
ORDER INFORMATION
TO-92
SO-8
SOT-89
TA (
OC)
LP
3-pin
DM
8-pin
PK
3-pin
0 to 70
AMC78L05LP(SnPb)
AMC78L05DM(SnPb)
AMC78L05PK(SnPb)
0 to 70
AMC78L05LPF(Lead Free)
AMC78L05DMF(Lead Free)
AMC78L05PKF(Lead Free)
Note:
1. All surface-mount and TO-92 packages are available in Tape & Reel.
Append the letter “T” to part
number (i.e. AMC78L05LPT, AMC78L05DMT or AMC78L05PKT).
2. For TO-92 in Tape & Box (without reel), add suffix “TB” (i.e. AMC78L05LPTB)
3. The letter “F” is marked for Lead Free process .
INPUT
INPUT
GND
GND
OUTPUT
OUTPUT
3-Pin Plastic SOT-89
Surface Mount
(TOP View)
GND
Output
GND
INPUT
GND
GND
NC
NC
Copyright
 2002, ADD Microtech Corp.
1
www.addmtek.com


Similar Part No. - AMC78L05DMF

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC78L05DMF ADDTEK-AMC78L05DMF Datasheet
102Kb / 7P
100mA / 3-TERMINAL 5V REGULATOR
JUNE 2006
More results

Similar Description - AMC78L05DMF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
ADDtek Corp
AMC78L05 ADDTEK-AMC78L05 Datasheet
102Kb / 7P
100mA / 3-TERMINAL 5V REGULATOR
JUNE 2006
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
3-Terminal 100mA Negative Voltage Regulator
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM317L GAMMA-GM317L Datasheet
163Kb / 7P
3-TERMINAL 100mA ADJUSTABLE REGULATOR
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com