Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AV2188 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AV2188 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AV2188
June 2, 2000
6-20
DIGITAL AUDIO SERIAL INTERFACE
The digital serial interface consists of 3 serial input pins, SD1, SD2, and SD3, one serial output pin, SDOUT, one
serial clock input pin, SC, and one left/right indicator input pin, SF. The data are 2’s complement MSB first
numbers. The AV2188 supports four resolutiont, which are selected either by setting the FMT[1] and FMT[0] pins
or by programming the control register CREG0[5:4] via the I
2C serial control port. Table 1 describes these four
resolution. .
The SD3, SD2 and SD1 can be either 24-bit or 32-bit per frame as well as left justified, right justified or I2S. The
SDOUT only support left justified and I2S format. The AV1488 counts the number of BCK per frame to determine
whether the input is 24 or 32 bits format.
Table (1): Audio Serial Data Input Format
Format
CREG0[5]
CREG0[4]
SD1, SD2, and SD3
SDOUT
0
0
0
24-bit
24-bit
1
0
1
20-bit
2
1
0
18-bit
3
1
1
16-bit
Table (1): Audio Serial Data Input Modes
Mode
CREG0[7]
0REG0[6]
SD1, SD2, and SD3
SDOUT
0
0
0
Right Justified
Left Justified
10
1
I2S
I2S
2
1
0
Left Justified
Left Justified
3
1
1
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com