Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LVW5AM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LVW5AM
Description  Traffic lights and signaling
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVW5AM Datasheet(HTML) 1 Page - OSRAM GmbH

  LVW5AM Datasheet HTML 1Page - OSRAM GmbH LVW5AM Datasheet HTML 2Page - OSRAM GmbH LVW5AM Datasheet HTML 3Page - OSRAM GmbH LVW5AM Datasheet HTML 4Page - OSRAM GmbH LVW5AM Datasheet HTML 5Page - OSRAM GmbH LVW5AM Datasheet HTML 6Page - OSRAM GmbH LVW5AM Datasheet HTML 7Page - OSRAM GmbH LVW5AM Datasheet HTML 8Page - OSRAM GmbH LVW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-12-14
1
2015-12-14
Golden DRAGON
® Plus
Datasheet
Version 1.2
LV W5AM
This Golden DRAGON® family member allows the
design of small size high brightness light sources,
while meeting highest lifetime requirements.
Dieses Mitglied der Golden-DRAGON®-Familie
ermöglicht die Entwicklung kleiner und dennoch heller
Lichtquellen - unter höchsten Ansprüchen an deren
Lebenserwartung.
Features:
Besondere Merkmale:
•
Package: white SMT package with clear silicone
lens, chip level conversion
•
Gehäusetyp: white SMT package with clear
silicone lens, chip level conversion
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 170°
•
Abstrahlwinkel bei 50 % I
V: 170°
•
Luminous Flux: typ. 67 lm
•
Lichtstrom: typ. 67 lm
•
Luminous efficacy: typ. 58 lm/W
•
Lichtausbeute: typ. 58 lm/W
Applications
Anwendungen
•
Traffic lights and signaling
•
Ampel- und Signalanlagen
•
Backlighting (switches, keys, displays, illuminated
advertising, general lighting...)
•
Hinterleuchtung (LCD, Handy, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
•
Architectural lighting
•
Architekturbeleuchtung
•
Outdoor lighting
•
Außenbeleuchtung
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Channel letters
•
Leuchtlettern
•
Marker lights (e.g. steps, exit ways, etc.)
•
Markierungsbeleuchtnung (z.B. Stufen,
Fluchtwege, etc.)
•
Color: 505 nm (verde green)
•
Farbe: 505 nm (verde grün)


Similar Part No. - LVW5AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVW5SG ETC1-LVW5SG Datasheet
200Kb / 14P
Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LVW5SG OSRAM-LVW5SG Datasheet
168Kb / 14P
white SMD package, colorless clear
logo
List of Unclassifed Man...
LVW5SG-GYHY-35 ETC1-LVW5SG-GYHY-35 Datasheet
200Kb / 14P
Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LVW5SN OSRAM-LVW5SN Datasheet
382Kb / 18P
white SMD package, colorless clear silicone
More results

Similar Description - LVW5AM

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
logo
Systemsensor advanced i...
PS12 SYSTEMSENSOR-PS12 Datasheet
238Kb / 4P
Signaling Strobe and Sounder
logo
List of Unclassifed Man...
M22S-WLKV-W ETC2-M22S-WLKV-W Datasheet
178Kb / 4P
Pushbuttons and Indicating Lights
M22-R10K ETC2-M22-R10K Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
M22-DP-R ETC2-M22-DP-R Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
logo
PMC-Sierra, Inc
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
ATM/PACKET Traffic Manager and Switch
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
Traffic lights
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
Traffic lights
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
Signaling
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
Traffic technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com