Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRY8SF Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LRY8SF
Description  Electronic Equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRY8SF Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LRY8SF Datasheet HTML 6Page - OSRAM GmbH LRY8SF Datasheet HTML 7Page - OSRAM GmbH LRY8SF Datasheet HTML 8Page - OSRAM GmbH LRY8SF Datasheet HTML 9Page - OSRAM GmbH LRY8SF Datasheet HTML 10Page - OSRAM GmbH LRY8SF Datasheet HTML 11Page - OSRAM GmbH LRY8SF Datasheet HTML 12Page - OSRAM GmbH LRY8SF Datasheet HTML 13Page - OSRAM GmbH LRY8SF Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LR Y8SF
10 Version 1.3 | 2018-02-12
0
OHL00090
I
F
˚C
0
20
40
60
80
100
T
temp. solder point
temp. ambient
TA
TS
TS
A
T
mA
5
10
15
20
25
30
35
Max. Permissible Forward Current
I
F = f(T)
OHL00688
10-5
p
t
F
I
10-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
tP
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.05
0.10
0.15
0.20
0.30
0.25
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 85 °C
OHL00687
10-5
p
t
F
I
10-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
tP
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.1
0.2
0.3
0.4
0.6
0.5
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com