Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRDASPA2.23 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GRDASPA2.23
Description  Architectural lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GRDASPA2.23 Datasheet(HTML) 1 Page - OSRAM GmbH

  GRDASPA2.23 Datasheet HTML 1Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 2Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 3Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 4Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 5Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 6Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 7Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 8Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-12-12
1
2017-12-12
Datasheet
Version 1.1
GR DASPA2.23
High-efficacy mid-power LED with long lifetimes also
at high currents and high junction temperatures.
Hocheffiziente LED mittlerer Leistungsklasse mit
langer Lebensdauer auch bei hohen Strömen und
hohen Sperrschichttemperaturen.
Features:
Besondere Merkmale:
•
Package: SMT package
•
Gehäusetyp: SMT Gehäuse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 618 nm (red)
•
Farbe: 618 nm (rot)
•
Luminous Flux: typ. 21 lm
•
Lichtstrom: typ. 21 lm
•
Luminous efficacy: typ. 100 lm/W
•
Lichtausbeute: typ. 100 lm/W
Applications
Anwendungen
•
Architectural lighting
•
Architekturbeleuchtung
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
•
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter
•
Channel letters
•
Leuchtlettern
•
Linear lights
•
Linearbeleuchtung
OSCONIQ® P 2226


Similar Part No. - GRDASPA2.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRDASPA1.23 OSRAM-GRDASPA1.23 Datasheet
904Kb / 22P
Architectural lighting
More results

Similar Description - GRDASPA2.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
Architectural lighting
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
Architectural lighting
GRDASPA1.23 OSRAM-GRDASPA1.23 Datasheet
904Kb / 22P
Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com